Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

45111 Arkusz danych(PDF) 124 Page - List of Unclassifed Manufacturers

Numer części 45111
Szczegółowy opis  14-DAY MONEY BACK GUARANTEE
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

45111 Arkusz danych(HTML) 124 Page - List of Unclassifed Manufacturers

Back Button 45111 Datasheet HTML 120Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 121Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 122Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 123Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 124Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 125Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 126Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 127Page - List of Unclassifed Manufacturers 45111 Datasheet HTML 128Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 184 page
background image
13 Appendix C: SX Instruction Set
Page 124
• SX-Key/Blitz Development System Manual 2.0 • Parallax, Inc.
BANK
dest
Set bank select bits
Command
Words
Cycles
Affects
Coding
BANK
fr
1
1 (4)
FSR
0000 0001 1fff BANK fr
Operation: Writes file registers bits 7 through 5 (on the SX20/28) or 6 through 4 (on the SX48/52) to the same bits in
the file select register (FSR) in preparation for a RAM access across a bank boundary. The full 8-bit file
register address must be used as the destination. On the SX48/52, bit 7 in the FSR is used to select between
upper and lower block of banks. This bit is not affected by the BANK instruction, and must be set or cleared with a
separate SETB FSR.7 or CLRB FSR.7 following the BANK instruction.
CALL
addr8
Call subroutine with 8-bit address
Command
Words
Cycles
Affects
Coding
1) CALL
addr8
1
3 (8)
PC
1001 kkkk kkkk CALL addr8
Operation: The next instruction address is pushed onto the stack and addr8 is moved to the program counter. The
ninth bit of the program counter will be cleared to 0. Therefore, calls are only allowed to the first half of
any 512-word page, although the CALL instruction can be anywhere.
CJA
op1, op2, addr9
Compare op1 to op2 and jump if above
Command
Words
Cycles
Affects
Coding
1) CJA
fr, #literal, addr
4
4 or 6 (jump)
(16 or 20)
W, C, DC, Z
1100 kkkk kkkk MOV W, #lit^$FF
0001 110f ffff ADD W, fr
0110 0000 0011 SNC
101k kkkk kkkk JMP addr9
2) CJA
fr1, fr2, addr
4
4 or 6 (jump)
(16 or 20)
W, C, DC, Z
0010 000f ffff MOV W, fr1
0000 100f ffff MOV W, fr2-W
0111 0000 0011 SC
101k kkkk kkkk JMP addr9
Operation: op1 is compared to op2. If op1 is greater than op2, a jump to addr9 is executed. W is left holding the
result of op1 + ~op2 in command #1 and op2 - op1 in command #2. If CARRYX is specified, c affects the
result. Insert a CLC before command #1 and an STC before command #2 to avoid strange results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com