Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3142 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części AN3142
Szczegółowy opis  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 2Page - STMicroelectronics AN3142 Datasheet HTML 3Page - STMicroelectronics AN3142 Datasheet HTML 4Page - STMicroelectronics AN3142 Datasheet HTML 5Page - STMicroelectronics AN3142 Datasheet HTML 6Page - STMicroelectronics AN3142 Datasheet HTML 7Page - STMicroelectronics AN3142 Datasheet HTML 8Page - STMicroelectronics AN3142 Datasheet HTML 9Page - STMicroelectronics AN3142 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
The circuit implementing the line-modulated fixed-off-time with the new L6563S
AN3142
6/44
Doc ID 17005 Rev 3
3
The circuit implementing the line-modulated fixed-
off-time with the new L6563S
The circuit that implements LM-FOT control with the L6563S is shown in
Figure 6. During
the on-time of the MOSFET the gate voltage VGD = 15 V is high, the D diode is forward
biased and the voltage at the ZCD pin is internally clamped at VZCDclamp 5.7 V. During the
off-time of M VGD = 10 V is low, the D diode is reverse-biased and the voltage at the pin
decays with an exponential law until it reaches the triggering threshold (VZCDtrigger 0.7 V)
that causes the switch to turn on. The time needed for the ZCD voltage to go from VZCDclamp
to VZCDtrigger defines the duration of the off-time TOFF.
Figure 6.
Circuit implementing FOT control with the L6563S
The circuit in
Figure 6. makes T
OFF a function of the RMS line voltage thanks to the peak
holding effect of T1 (which acts as a buffer) along with R and C whose time constant is
significantly longer than a line half-cycle. With the addition of R0 and T1, as long as the
voltage on the ZCD pin during TOFF is above Vmult+VBE, C is discharged through R and R0,
following the law:
Equation 1
As V’ZCD(t) falls below Vmult+VBE, T1 is cut off and C is discharged through R only, so that
its evolution from that point on is described by:
Equation 2
V'ZCD(t) decreases from VZCDclamp = 5.7 V to Vmult+VBE in the following time period t':
()
()
()
BE
mult
0
C
RR
)
R
R
(
t
BE
mult
0
ZCDclamp
ZCD
V
V
R
R
R
e
V
V
R
R
R
V
)
t
(
V
0
0
+
⋅
+
+
⋅
⎥
⎦
⎤
⎢
⎣
⎡
+
⋅
+
−
=
′
⋅
+
⋅
−
()
C
R
t
BE
mult
0
ZCD
e
V
V
R
R
R
)
t
(
V
⋅
−
⋅
+
⋅
+
=
′′



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com