Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3142 Arkusz danych(PDF) 36 Page - STMicroelectronics

Numer części AN3142
Szczegółowy opis  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Arkusz danych(HTML) 36 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 32Page - STMicroelectronics AN3142 Datasheet HTML 33Page - STMicroelectronics AN3142 Datasheet HTML 34Page - STMicroelectronics AN3142 Datasheet HTML 35Page - STMicroelectronics AN3142 Datasheet HTML 36Page - STMicroelectronics AN3142 Datasheet HTML 37Page - STMicroelectronics AN3142 Datasheet HTML 38Page - STMicroelectronics AN3142 Datasheet HTML 39Page - STMicroelectronics AN3142 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
L6563H: high voltage startup transition mode PFC
AN3142
36/44
Doc ID 17005 Rev 3
Figure 24.
High-voltage startup behavior during latch-off protection
As a result, shown in
Figure 24, the voltage at pin Vcc, oscillates between its turn-on and
turn-off thresholds until the HV bus is recycled and drops below the startup threshold of the
HV generator. The high voltage startup circuitry is capable of guaranteeing a safe behavior
in case of a short circuit present on the DC-DC output when the Vcc of both controllers are
generated by the same auxiliary winding.
GD
Vin
VccON
t
t
t
t
VccOFF
PWM_LAT CH
Vccrestart
VHVstar t
HV generator is turned on
Disable latch is reset here
HV_EN
Fault occur s here
HV generator turn- on is disabled here
Input source is r emoved here
t
Vcc
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44