Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3142 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części AN3142
Szczegółowy opis  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 6Page - STMicroelectronics AN3142 Datasheet HTML 7Page - STMicroelectronics AN3142 Datasheet HTML 8Page - STMicroelectronics AN3142 Datasheet HTML 9Page - STMicroelectronics AN3142 Datasheet HTML 10Page - STMicroelectronics AN3142 Datasheet HTML 11Page - STMicroelectronics AN3142 Datasheet HTML 12Page - STMicroelectronics AN3142 Datasheet HTML 13Page - STMicroelectronics AN3142 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Designing a fixed-off-time PFC
AN3142
10/44
Doc ID 17005 Rev 3
The mains frequency generates a 2fL voltage ripple on the output voltage at full load. The
ripple amplitude determines the current flowing into the output capacitor and the ESR.
Additionally, a certain holdup capability in case of mains dips can be requested from the
PFC in which case the output capacitor must also be dimensioned, taking into account the
required minimum voltage value (Vout min) after the elapsed holdup time (tHold).
The PFC minimum switching frequency is one of the main parameters used to dimension
the boost inductor. Here we consider the switching frequency at low mains on the top of the
sinusoid and at full load conditions. As a rule of thumb, it must be higher than the audio
bandwidth in order to avoid audible noise and additionally it must not interfere with the
L6563S minimum internal starter period, as given in the datasheet. On the other hand, if the
minimum frequency is set too high the circuit shows excessive losses at higher input voltage
and probably operates skipping switching cycles not only at light load. Typical minimum
frequency range is 55-95 kHz for wide range operation.
Where fswmin = 1/(T+220 nsec) due to the ZCD - gate drive signal delay typical of the
L6563S.
The design is to be done on the basis of a ripple factor (the ratio of the maximum current
ripple amplitude to the inductor peak current at minimum line voltage) kr=0.34.
In order to properly select the power components of the PFC and dimension the heat sinks
in case they are needed, the maximum operating ambient temperature around the PFC
circuitry must be known. Please note that this is not the maximum external operating
temperature of the entire equipment, but it is the local temperature at which the PFC
components are working.
●
Maximum output low frequency ripple:
(8)
●
Minimum output voltage after line drop (Vdc):
(9)
●
Holdup capability (ms):
(10)
●
Minimum switching frequency (kHz)
(11)
●
Ripple factor
(12)
●
Maximum ambient temperature (°C):
(13)
V
10
V
out =
∆
V
300
V
min
out
=
ms
20
t
Hold =
kHz
80
f
min
sw
=
34
.
0
k
r =
C
50
T
ambx
°
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com