Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3142 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części AN3142
Szczegółowy opis  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Arkusz danych(HTML) 1 Page - STMicroelectronics

  AN3142 Datasheet HTML 1Page - STMicroelectronics AN3142 Datasheet HTML 2Page - STMicroelectronics AN3142 Datasheet HTML 3Page - STMicroelectronics AN3142 Datasheet HTML 4Page - STMicroelectronics AN3142 Datasheet HTML 5Page - STMicroelectronics AN3142 Datasheet HTML 6Page - STMicroelectronics AN3142 Datasheet HTML 7Page - STMicroelectronics AN3142 Datasheet HTML 8Page - STMicroelectronics AN3142 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
February 2011
Doc ID 17005 Rev 3
1/44
AN3142
Application note
Solution for designing a 400 W fixed-off-time controlled
PFC preregulator with the L6563S and L6563H
Introduction
In addition to the transition mode (TM) and fixed-frequency continuous conduction mode
(FF-CCM) operation of PFC preregulators, a third approach is proposed that couples the
simplicity and affordability of TM operation with the high-current capability of FF-CCM
operation. This solution is a peak current-mode control with fixed-off-time (FOT). Design
equations are given and a practical design for a 400 W board is illustrated and evaluated.
Two methods of controlling power factor corrector (PFC) preregulators based on boost
topology are currently in use: the fixed-frequency (FF) PWM and the transition mode (TM)
PWM (fixed on-time, variable frequency). The first method employs average current-mode
control, a relatively complex technique requiring sophisticated controller ICs (e.g. the
L4981A/B from STMicroelectronics) and a considerable component count. The second uses
the simpler peak current-mode control, which is implemented with cheaper controller ICs
(e.g. the L6561, L6562, L6562A and L6563S from STMicroelectronics), and far fewer
external parts, therefore it is far less expensive. In the first method the boost inductor works
in continuous conduction mode (CCM), while TM makes the inductor work on the boundary
between continuous and discontinuous mode, by definition. For a given power throughput,
TM operation involves higher peak currents as compared to FF-CCM (
Figure 1 and
Figure 2).
This demonstration, consistent with the above mentioned cost considerations, suggests the
use of TM in a lower power range, while FF-CCM is recommended for higher power levels.
This criterion, though always true, is sometimes difficult to apply, especially for a midrange
power level, around 150-300 W. The assessment of which approach gives the better
cost/performance trade-off needs to be done on a case-by-case basis, considering the cost
and the stress of not only power semiconductors and magnetic but also of the EMI filter. At
the same power level, the switching frequency component to be filtered out in a TM system
is twice the line current, whereas it is typically 1/3 or 1/4 in a CCM system.
Figure 1.
Line, inductor, switch and diode
currents in FF-CCM PFC
Figure 2.
Line, inductor, switch and diode
currents in TM PFC
www.st.com


Podobny numer części - AN3142

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
AN314 CIRRUS-AN314 Datasheet
339Kb / 10P
Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
REV1 AUG 2007
logo
STMicroelectronics
AN3140 STMICROELECTRONICS-AN3140 Datasheet
272Kb / 14P
How to configure the SPEAr3xx general purpose timers
03-May-2010
AN3141 STMICROELECTRONICS-AN3141 Datasheet
344Kb / 14P
LC filters for mobile phone LCD and camera links
16-Sep-2010
AN3143 STMICROELECTRONICS-AN3143 Datasheet
256Kb / 13P
Audio software codec for the STM8S
16-Mar-2010
AN3147 STMICROELECTRONICS-AN3147 Datasheet
376Kb / 25P
Power management in STM8L and STM8AL
01-Aug-2013
More results

Podobny opis - AN3142

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shindengen Electric Mfg...
MTD1120 SHINDENGEN-MTD1120_10 Datasheet
182Kb / 2P
Constant Current Control Function (Fixed OFF Time
MTD1120F SHINDENGEN-MTD1120F_10 Datasheet
186Kb / 2P
Constant Current Control Function (Fixed OFF Time)
MTD1361 SHINDENGEN-MTD1361 Datasheet
179Kb / 2P
Constant Current Control Function (Fixed OFF Time)
MTD1361F SHINDENGEN-MTD1361F_10 Datasheet
185Kb / 2P
Constant Current Control Function (Fixed OFF Time)
logo
STMicroelectronics
AN2761 STMICROELECTRONICS-AN2761 Datasheet
524Kb / 36P
Solution for designing a transition mode
17-Nov-2009
AN2782 STMICROELECTRONICS-AN2782 Datasheet
1Mb / 39P
Solution for designing a 400 W fixed-off-time controlled
05-Mar-2010
AN3112 STMICROELECTRONICS-AN3112 Datasheet
727Kb / 36P
Solution for designing a fixed off-time controlled PFC pre-regulator
09-Feb-2011
logo
Shindengen Electric Mfg...
MTD1361 SHINDENGEN-MTD1361_17 Datasheet
199Kb / 4P
Constant Current Control Function (Fixed OFF Time)
MTD1120 SHINDENGEN-MTD1120_17 Datasheet
196Kb / 4P
Constant Current Control Function (Fixed OFF Time)
MTD1361F SHINDENGEN-MTD1361F_17 Datasheet
205Kb / 4P
Constant Current Control Function (Fixed OFF Time)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com