Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RM0319 Arkusz danych(PDF) 311 Page - STMicroelectronics

Numer części RM0319
Szczegółowy opis  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Arkusz danych(HTML) 311 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 307Page - STMicroelectronics RM0319 Datasheet HTML 308Page - STMicroelectronics RM0319 Datasheet HTML 309Page - STMicroelectronics RM0319 Datasheet HTML 310Page - STMicroelectronics RM0319 Datasheet HTML 311Page - STMicroelectronics RM0319 Datasheet HTML 312Page - STMicroelectronics RM0319 Datasheet HTML 313Page - STMicroelectronics RM0319 Datasheet HTML 314Page - STMicroelectronics RM0319 Datasheet HTML 315Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 368 page
background image
RM0319
Security co-processor (C3)
Doc ID 022640 Rev 3
311/368
Bits ‘aa’ in the above table are used to set the algorithm to use and have the same encoding
as in the INIT instruction (Table 105.).
Bit ‘t’ in the above table is used to truncate the result to 96 bits:
HASH CONTEXT instruction
The HASH CONTEXT instruction is composed by 2 sub-instructions:
●
SAVE
●
RESTORE
SAVE
The HASH CONTEXT SAVE instruction is 2 words long. This instruction is used to set the
Destination address Register for the context and to save the full context.
The second word represents the Destination Address for the context.
RESTORE
The HASH CONTEXT RESTORE instruction is 2 words long. This instruction is used to set
the Source Address Register for the context and to restore the full context.
The second word represents the Source Address for the context.
HMAC instruction
There are 3 different HMAC instructions:
●
HMAC MD5
●
HMAC SHA1
●
HMAC CONTEXT
Bit 20
t
Truncate
1’b0
Full digest
1’b1
Truncated 96 bit digest
Table 108.
HASH CONTEXT SAVE Instruction bit encoding
W#
Bit Encoding
1
xxxx 0101 10xx xxxx cccc cccc cccc cccc
2
32 bit Destination Address for the context
Table 109.
HASH CONTEXT RESTORE Instruction bit encoding
W#
Bit Encoding
1
xxxx 0101 11xx xxxx cccc cccc cccc cccc
2
32 bit Source Address for the context



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More