Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM1870 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części UM1870
Szczegółowy opis  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 3Page - STMicroelectronics UM1870 Datasheet HTML 4Page - STMicroelectronics UM1870 Datasheet HTML 5Page - STMicroelectronics UM1870 Datasheet HTML 6Page - STMicroelectronics UM1870 Datasheet HTML 7Page - STMicroelectronics UM1870 Datasheet HTML 8Page - STMicroelectronics UM1870 Datasheet HTML 9Page - STMicroelectronics UM1870 Datasheet HTML 10Page - STMicroelectronics UM1870 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
DocID027602 Rev 1
7/58
UM1870
Hardware description
58
2
Hardware description
The following sections describe the components of the kits.
2.1
STEVAL-IDB005V1 motherboard
The motherboard included in the development kit allows testing of the functionality of the
BlueNRG-MS processor. The board can be used as a simple interface between the
BlueNRG-MS and a GUI application on the PC. The STM32L microcontroller on the board
can also be programmed, so the board can be used to develop applications using the
BlueNRG-MS. A connector on the motherboard (Figure 1) allows access to the JTAG
interface for programming and debugging. The board can be powered through a mini-USB
connector that can also be used for I/O interaction with a USB Host. The board includes
sensors, and buttons and a joystick for user interaction. The RF daughterboard can be
easily connected through a dedicated interface.
This is a list of some of the features that are available on the boards:
STM32L151RBT6 64-pin microcontroller
Mini USB connector for power supply and I/O
JTAG connector
RF daughterboard interface
One RESET button and one USER button
One LIS3DH accelerometer
One STLM75 temperature sensor
One joystick
5 LEDs
One PWR LED
One battery holder for 2 AAA batteries
One row of test points on the interface to the RF daughterboard
Figure 2. Motherboard for the BlueNRG-MS development kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com