| Zakładka z wyszukiwarką danych komponentów |
|
UM1870 Arkusz danych(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1870 Arkusz danych(HTML) 18 Page - STMicroelectronics |
|
18 / 58 page ![]() GUI software description UM1870 18/58 DocID027602 Rev 1 • C view: displays the C language structure related to the IFR configuration data region matching the View/Edit and Memory view. Figure 8. BlueNRG GUI IFR tool: View/Edit view In the View/Edit view, the following operations are available: • Select the high speed (HS) crystal (16 or 32 MHz) and the low speed oscillator source (32 kHz or the internal ring oscillator) • Set the Power Management options (SMPS inductor or SMPS off configuration) • Change stack mode. Each mode has a different functionality: – Mode 1: slave/master, 1 connection only, small GATT database (RAM2 off during sleep) – Mode 2: slave/master, 1 connection only, large GATT database (RAM2 on during sleep) – Mode 3: slave/master, 8 connections, small GATT database (RAM2 on during sleep) |