Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM1870 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części UM1870
Szczegółowy opis  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 6Page - STMicroelectronics UM1870 Datasheet HTML 7Page - STMicroelectronics UM1870 Datasheet HTML 8Page - STMicroelectronics UM1870 Datasheet HTML 9Page - STMicroelectronics UM1870 Datasheet HTML 10Page - STMicroelectronics UM1870 Datasheet HTML 11Page - STMicroelectronics UM1870 Datasheet HTML 12Page - STMicroelectronics UM1870 Datasheet HTML 13Page - STMicroelectronics UM1870 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Hardware description
UM1870
10/58
DocID027602 Rev 1
2.1.2
Power
The board can be powered either by the mini USB connector CN1 (A in Figure 2) or by 2
AAA batteries. To power the board through USB bus, jumper JP1 must be in position 1-2, as
in Figure 2 (B). To power the board using batteries, 2 AAA batteries must be inserted in the
battery holder at the rear of the board, and jumper JP1 set to position 2-3.
When the board is powered, the green LED DL6 is on (C).
If needed, the board can be powered by an external DC power supply. Connect the positive
output of the power supply to the central pin of JP1 (pin 2) and ground to one of the four test
point connectors on the motherboard (TP1, TP2, TP3 and TP4).
2.1.3
Sensors
Two sensors are available on the motherboard:
–
LIS3DH, an ultra-low power high performance three-axis linear accelerometer (D
in Figure 2). The sensor is connected to the STM32L through the SPI interface.
Two lines for interrupts are also connected.
–
STLM75, a high precision digital CMOS temperature sensor, with I²C interface (E
in Figure 2). The pin for the alarm function is connected to one of the STM32L
GPIOs.
2.1.4
Extension connector
There is the possibility to solder a connector on the motherboard to extend its functionality
(F in Figure 2). 16 pins of the microcontroller are connected to this expansion slot (Table 1).
2.1.5
Push-buttons and joystick
For user interaction the board has two buttons. One is to reset the microcontroller, while the
other is available to the application. There is also a digital joystick with 4 possible positions
(left, right, up, down) (G in Figure 2).
2.1.6
JTAG connector
A JTAG connector on the board (H in Figure 2) allows the programming and debugging of
the STM32L microcontroller on board(a), using an in-circuit debugger and programmer such
as the ST-LINK/V2.
BOOT0
60
PB8
61
4
PB9
62
6
VSS_3
63
VDD_3
64
1.
These lines are also available on the test point row
Table 1. MCU pin description versus board function (continued)
Pin
name
Pin
Board function
LEDs
DB connector
Buttons /
joystick
Acceler.
Temp.
sensor
USB
JTAG
Ext.
conn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com