| Zakładka z wyszukiwarką danych komponentów |
|
UM1870 Arkusz danych(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1870 Arkusz danych(HTML) 20 Page - STMicroelectronics |
|
20 / 58 page ![]() GUI software description UM1870 20/58 DocID027602 Rev 1 1. Go to Settings --> select FW 7.1 for BlueNRG-MS device 2. Go to Settings --> select Set Baud Rate… and choose the value (default is 9600) 3.2.3 GUI scripts window The BlueNRG-MS GUI scripts window provides several tabs to allow testing of some BlueNRG-MS application scenarios. Figure 9. BlueNRG GUI scripts window Central and Peripheral roles are supported with the BLE operations described in Table 4, Table 5 and Table 6. |