| Zakładka z wyszukiwarką danych komponentów |
|
ST72561R6-Auto Arkusz danych(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561R6-Auto Arkusz danych(HTML) 68 Page - STMicroelectronics |
|
68 / 324 page ![]() Power saving modes ST72561-Auto 68/324 Doc ID 12370 Rev 8 Note: As soon as active halt is enabled, executing a HALT instruction while the Watchdog is active does not generate a RESET. This means that the device cannot spend more than a defined delay in this power saving mode. Figure 27. ACTIVE HALT timing overview Figure 28. ACTIVE HALT mode flow-chart Note: 1 This delay occurs only if the MCU exits ACTIVE HALT mode by means of a RESET. 2 Peripheral clocked with an external clock source can still be active. 3 Only the RTC interrupt and some specific interrupts can exit the MCU from ACTIVE HALT mode (such as external interrupt). Refer to Table 16 for more details. 4 Before servicing an interrupt, the CC register is pushed on the stack. The I[1:0] bits in the CC register are set to the current software priority level of the interrupt routine and restored when the CC register is popped. 7.6 Auto wake-up from halt mode Auto Wake-Up From Halt (AWUFH) mode is similar to Halt mode with the addition of an internal RC oscillator for wake-up. Compared to ACTIVE HALT mode, AWUFH has lower power consumption because the main clock is not kept running, but there is no accurate realtime clock available. HALT RUN RUN 256 OR 4096 CYCLE DELAY (AFTER RESET) RESET OR INTERRUPT HALT INSTRUCTION FETCH VECTOR ACTIVE (Active Halt enabled) HALT INSTRUCTION RESET INTERRUPT 3) Y N N Y CPU OSCILLATOR PERIPHERALS 2) I[1:0] BITS ON OFF 10 OFF FETCH RESET VECTOR OR SERVICE INTERRUPT CPU OSCILLATOR PERIPHERALS I[1:0] BITS ON OFF XX 4) ON CPU OSCILLATOR PERIPHERALS I[1:0] BITS ON ON XX 4) ON 256 OR 4096 CPU CLOCK CYCLE DELAY (MCCSR.OIE=1) (AWUCSR.AWUEN=0) |