| Zakładka z wyszukiwarką danych komponentów |
|
ST72561R6-Auto Arkusz danych(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561R6-Auto Arkusz danych(HTML) 25 Page - STMicroelectronics |
|
25 / 324 page ![]() ST72561-Auto Description Doc ID 12370 Rev 8 25/324 List of abbreviations used in Table 3 Type: I = input, O = output, S = supply In/Output level: CT= CMOS 0.3VDD/0.7VDD with Schmitt trigger TT= TTL 0.8V / 2V with Schmitt trigger Output level: HS = 20mA high sink (on N-buffer only) Port and control configuration: Input: float = floating, wpu = weak pull-up, int = interrupt, ana = analog, RB = robust Output: OD = open drain, PP = push-pull Refer to Chapter 8: I/O ports for more details on the software configuration of the I/O ports. The RESET configuration of each pin is shown in bold which is valid as long as the device is in reset state. Table 3. Device pin description Pin n° Pin name Level Port Main function (after reset) Alternate function Input(1) Output 111 OSC1(2) I External clock input or resonator oscillator inverter input 222 OSC2(2) I/O Resonator oscillator inverter output 3 - - PA0 / ARTIC1 I/O CT X ei0 X X Port A0 ART input capture 1 4 3 3 PA1 / PWM0 I/O CT X ei0 X X Port A1 ART PWM output 0 5 4 4 PA2 (HS) / PWM1 I/O CT HS X ei0 X X Port A2 ART PWM output 1 6 5 - PA3 / PWM2 I/O CT X ei0 X X Port A3 ART PWM output 2 7 6 - PA4 / PWM3 I/O CT X ei0 X X Port A4 ART PWM output 3 8- - VSS_3 S Digital ground voltage 9- - VDD_3 S Digital main supply voltage 10 7 5 PA5 (HS) / ARTCLK I/O CT HS X ei0 X X Port A5 ART external clock 11 8 - PA6 (HS) / ARTIC2 I/O CT HS X ei0 X X Port A6 ART input capture 2 12 - - PA7 / T8_OCMP2 I/O CT X ei0 X X Port A7 TIM8 output capture 2 13 - - PB0 /T8_ICAP2 I/O CT X ei1 X X Port B0 TIM8 input capture 2 14 9 6 PB1 /T8_OCMP1 I/O CT X ei1 X X Port B1 TIM8 output capture 1 15 10 7 PB2 / T8_ICAP1 I/O CT X ei1 X X Port B2 TIM8 input capture 1 16 11 8 PB3 / MCO I/O CT X ei1 X X Port B3 Main clock out (fOSC2) 17 - - PE0 / AIN12 I/O TT X X RB X X Port E0 ADC analog input 12 18 - - PE1 / AIN13 I/O TT X X RB X X Port E1 ADC analog input 13 19 12 9 PB4 / AIN0 / ICCCLK I/O CT X ei1 RB X X Port B4 ICC clock input ADC analog input 0 |