| Zakładka z wyszukiwarką danych komponentów |
|
ST72561R6-Auto Arkusz danych(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561R6-Auto Arkusz danych(HTML) 82 Page - STMicroelectronics |
|
82 / 324 page ![]() Window watchdog (WWDG) ST72561-Auto 82/324 Doc ID 12370 Rev 8 9 Window watchdog (WWDG) 9.1 Introduction The Window Watchdog is used to detect the occurrence of a software fault, usually generated by external interference or by unforeseen logical conditions, which causes the application program to abandon its normal sequence. The Watchdog circuit generates an MCU reset on expiry of a programmed time period, unless the program refreshes the contents of the downcounter before the T6 bit becomes cleared. An MCU reset is also generated if the 7-bit downcounter value (in the control register) is refreshed before the downcounter has reached the window register value. This implies that the counter must be refreshed in a limited window. 9.2 Main features ● Programmable free-running down counter ● Conditional reset – Reset (if watchdog activated) when the downcounter value becomes less than 40h – Reset (if watchdog activated) if the downcounter is reloaded outside the window (see Figure 37) ● Hardware/Software Watchdog activation (selectable by option byte) ● Optional reset on HALT instruction (configurable by option byte) 9.3 Functional description The counter value stored in the WDGCR register (bits T[6:0]), is decremented every 16384 fOSC2 cycles (approx.), and the length of the timeout period can be programmed by the user in 64 increments. If the watchdog is activated (the WDGA bit is set) and when the 7-bit downcounter (T[6:0] bits) rolls over from 40h to 3Fh (T6 becomes cleared), it initiates a reset cycle pulling low the reset pin for typically 30µs. If the software reloads the counter while the counter is greater than the value stored in the window register, then a reset is generated. |