Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST72561R6-Auto Arkusz danych(PDF) 77 Page - STMicroelectronics

Numer części ST72561R6-Auto
Szczegółowy opis  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R6-Auto Arkusz danych(HTML) 77 Page - STMicroelectronics

Back Button ST72561R6-Auto Datasheet HTML 73Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 74Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 75Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 76Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 77Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 78Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 79Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 80Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 324 page
background image
ST72561-Auto
I/O ports
Doc ID 12370 Rev 8
77/324
Warning:
The analog input voltage level must be within the limits
stated in the absolute maximum ratings.
8.3
I/O port implementation
The hardware implementation on each I/O port depends on the settings in the DDR and OR
registers and specific feature of the I/O port such as ADC Input or true open drain.
Switching these I/O ports from one state to another should be done in a sequence that
prevents unwanted side effects. Recommended safe transitions are illustrated in Figure 33.
Other transitions are potentially risky and should be avoided, since they are likely to present
unwanted side-effects such as spurious interrupt generation.
Figure 33.
Interrupt I/O port state transitions
8.4
I/O port register configurations
The I/O port register configurations are summarized as follows.
8.4.1
Standard ports
01
floating/pull-up
interrupt
INPUT
00
floating
(reset state)
INPUT
10
open-drain
OUTPUT
11
push-pull
OUTPUT
XX
= DDR, OR
Table 28.
Configuration of PB7:6, PC0, PC3, PC7:5, PD3:2, PD5, PE7:0, PF7:0
Mode
DDR
OR
Floating input
0
0
Pull-up input
1
Open drain output
1
0
Push-pull output
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More