| Zakładka z wyszukiwarką danych komponentów |
|
ST72561R6-Auto Arkusz danych(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561R6-Auto Arkusz danych(HTML) 86 Page - STMicroelectronics |
|
86 / 324 page ![]() Window watchdog (WWDG) ST72561-Auto 86/324 Doc ID 12370 Rev 8 Figure 37. Window watchdog timing diagram 9.6 Low power modes 9.7 Hardware watchdog option If Hardware Watchdog is selected by option byte, the watchdog is always active and the WDGA bit in the WDGCR is not used. Refer to the Option Byte description. T6 bit Reset WDGWR T[5:0] CNT downcounter time Refresh Window Refresh not allowed (step = 16384/fOSC2) 3Fh Table 36. Effect of low power modes on WDG Mode Description SLOW No effect on Watchdog: the downcounter continues to decrement at normal speed. WAIT No effect on Watchdog: the downcounter continues to decrement. HALT OIE bit in MCCSR register WDGHALT bit in Option Byte 00 No Watchdog reset is generated. The MCU enters Halt mode. The Watchdog counter is decremented once and then stops counting and is no longer able to generate a watchdog reset until the MCU receives an external interrupt or a reset. If an interrupt is received (refer to interrupt table mapping to see interrupts which can occur in halt mode), the Watchdog restarts counting after 256 or 4096 CPU clocks. If a reset is generated, the Watchdog is disabled (reset state) unless Hardware Watchdog is selected by option byte. For application recommendations see Section 9.8: Using halt mode with the WDG (WDGHALT option) below. 0 1 A reset is generated instead of entering halt mode. ACTIVE HALT 1x No reset is generated. The MCU enters Active Halt mode. The Watchdog counter is not decremented. It stop counting. When the MCU receives an oscillator interrupt or external interrupt, the Watchdog restarts counting immediately. When the MCU receives a reset the Watchdog restarts counting after 256 or 4096 CPU clocks. |