Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 126 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 126 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 122Page - STMicroelectronics STM32L496AE Datasheet HTML 123Page - STMicroelectronics STM32L496AE Datasheet HTML 124Page - STMicroelectronics STM32L496AE Datasheet HTML 125Page - STMicroelectronics STM32L496AE Datasheet HTML 126Page - STMicroelectronics STM32L496AE Datasheet HTML 127Page - STMicroelectronics STM32L496AE Datasheet HTML 128Page - STMicroelectronics STM32L496AE Datasheet HTML 129Page - STMicroelectronics STM32L496AE Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 263 page
background image
Electrical characteristics
STM32L496xx
126/263
DocID029173 Rev 2
Table 32. Typical current consumption in Run and Low-power run modes, with different codes
running from Flash, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
TYP
Unit
TYP
Unit
-
Voltage
scaling
Code
25 °C
25 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up
to 48 MHz
included, bypass
mode PLL ON
above 48 MHz
all peripherals
disable
Reduced code(1)
2.65
mA
102
µA/MHz
Coremark
2.97
114
Dhrystone 2.1
3.1
119
Fibonacci
2.9
112
While(1)
2.43
93
Reduced code(1)
9.44
mA
118
µA/MHz
Coremark
10.6
133
Dhrystone 2.1
10.9
136
Fibonacci
10.3
129
While(1)
8.66
108
IDD_ALL
(LPRun)
Supply
current in
Low-power
run
fHCLK = fMSI = 2 MHz
all peripherals disable
Reduced code(1)
274
µA
137
µA/MHz
Coremark
307
154
Dhrystone 2.1
308
154
Fibonacci
273
137
While(1)
258
129
1. Reduced code used for characterization results provided in Table 26, Table 28, Table 30.
Table 33. Typical current consumption in Run, with different codes running from Flash, ART
enable (Cache ON Prefetch OFF) and power supplied
(by external SMPS (VDD12 = 1.10 V)
Symbol
Parameter
Conditions(1)
TYP
Unit
TYP
Unit
-
Voltage
scaling
Code
25 °C
25 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48 MHz included,
bypass mode PLL
ON above
48 MHz
all peripherals
disable
Reduced code(2)
1.14
mA
44
µA/MHz
Coremark
1.28
49
Dhrystone 2.1
1.34
51
Fibonacci
1.25
48
While(1)
1.05
40
Reduced code(2)
3.39
42
Coremark
3.81
48
Dhrystone 2.1
3.92
49
Fibonacci
3.70
46
While(1)
3.11
39
1. All values are obtained by calculation based on measurements done without SMPS and using following parameters:
SMPS input = 3.3 V, SMPS efficiency = 85%, VDD12 = 1.10 V
2. Reduced code used for characterization results provided in Table 26, Table 28, Table 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com