Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 122 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 122 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 118Page - STMicroelectronics STM32L496AE Datasheet HTML 119Page - STMicroelectronics STM32L496AE Datasheet HTML 120Page - STMicroelectronics STM32L496AE Datasheet HTML 121Page - STMicroelectronics STM32L496AE Datasheet HTML 122Page - STMicroelectronics STM32L496AE Datasheet HTML 123Page - STMicroelectronics STM32L496AE Datasheet HTML 124Page - STMicroelectronics STM32L496AE Datasheet HTML 125Page - STMicroelectronics STM32L496AE Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 263 page
background image
Table 28. Current consumption in Run and Low-power run modes, code with data processing
running from Flash, ART disable
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL(Run)
Supply
current in
Run mode
fHCLK = fHSE up
to 48MHz
included, bypass
mode
PLL ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
3.1
3.14
3.28
3.51
3.98
3.5
3.6
3.8
4.3
5.3
mA
16 MHz
2.19
2.23
2.36
2.59
3.05
2.5
2.6
2.8
3.3
4.3
8 MHz
1.22
1.26
1.39
1.61
2.07
1.4
1.5
1.7
2.2
3.2
4 MHz
0.69
0.73
0.85
1.08
1.53
0.8
0.9
1.1
1.6
2.6
2 MHz
0.41
0.44
0.57
0.79
1.24
0.5
0.6
0.8
1.3
2.3
1 MHz
0.27
0.3
0.43
0.65
1.1
0.3
0.4
0.6
1.1
2.1
100 kHz
0.14
0.18
0.3
0.52
0.97
0.2
0.3
0.5
1.0
2.0
Range 1
80 MHz
10
10.1
10.3
10.5
11.1
11.1
11.2
11.6
12.2
13.31
72 MHz
9.02
9.1
9.29
9.59
10.1
10
10.1
10.5
11.0
12.2
64 MHz
8.94
9.02
9.2
9.48
10
9.9
10.1
10.4
11.0
12.1
48 MHz
7.51
7.59
7.77
8.05
8.59
8.4
8.6
8.9
9.5
10.6
32 MHz
5.38
5.45
5.62
5.88
6.41
6.0
6.2
6.5
7.0
8.2
24 MHz
4.07
4.12
4.28
4.54
5.06
4.5
4.7
5.0
5.5
6.6
16 MHz
2.86
2.92
3.07
3.33
3.84
3.2
3.3
3.6
4.2
5.3
IDD_ALL
(LPRun)
Supply
current in
Low-power
run
fHCLK = fMSI
all peripherals disable
2 MHz
378
412
549
782
1260
436
538
761
1287
2317
µA
1 MHz
213
246
381
618
1100
255
367
609.
1105
2138
400 kHz
101
144
277
514
989
141
256
507
995
2033
100 kHz
62
95.8
228
463
939
85
201
454
947
1982
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com