Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 120 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 120 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 116Page - STMicroelectronics STM32L496AE Datasheet HTML 117Page - STMicroelectronics STM32L496AE Datasheet HTML 118Page - STMicroelectronics STM32L496AE Datasheet HTML 119Page - STMicroelectronics STM32L496AE Datasheet HTML 120Page - STMicroelectronics STM32L496AE Datasheet HTML 121Page - STMicroelectronics STM32L496AE Datasheet HTML 122Page - STMicroelectronics STM32L496AE Datasheet HTML 123Page - STMicroelectronics STM32L496AE Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 263 page
background image
Table 26. Current consumption in Run and Low-power run modes, code with data processing
running from Flash, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL(Run)
Supply
current in
Run mode
fHCLK = fHSE up
to 48MHz
included, bypass
mode
PLL ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
2.65
2.69
2.82
3.05
3.51
2.9
3.0
3.3
3.8
4.7
mA
16 MHz
1.68
1.72
1.85
2.07
2.53
1.9
2.0
2.2
2.7
3.7
8 MHz
0.91
0.94
1.07
1.29
1.74
1.0
1.1
1.4
1.8
2.8
4 MHz
0.52
0.55
0.68
0.9
1.35
0.6
0.7
0.9
1.4
2.4
2 MHz
0.33
0.36
0.48
0.7
1.15
0.4
0.5
0.7
1.2
2.2
1 MHz
0.23
0.26
0.38
0.6
1.06
0.3
0.4
0.6
1.1
2.0
100 kHz
0.14
0.17
0.3
0.52
0.97
0.2
0.3
0.5
1.0
2.0
Range 1
80 MHz
9.44
9.5
9.67
9.93
10.4
10.3
10.4
10.7
11.3
12.4
72 MHz
8.52
8.59
8.75
9.01
9.53
9.3
9.4
9.7
10.3
11.4
64 MHz
7.61
7.67
7.83
8.09
8.61
8.3
8.4
8.7
9.3
10.4
48 MHz
5.72
5.78
5.94
6.2
6.72
6.3
6.4
6.7
7.3
8.4
32 MHz
3.87
3.92
4.07
4.33
4.84
4.2
4.4
4.7
5.2
6.3
24 MHz
2.94
2.99
3.14
3.39
3.9
3.2
3.4
3.6
4.2
5.3
16 MHz
2.01
2.06
2.2
2.45
2.95
2.2
2.3
2.6
3.2
4.2
IDD_ALL
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disable
2 MHz
274
307
444
678
1150
318
425
656
1167
2197
µA
1 MHz
158
195
328
564
1040
195
309
558
1047
2084
400 kHz
88.2
123
256
490
969
116
232
485
973
2012
100 kHz
63
90.6
223
457
934
79
195
447
942
1975
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com