Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 121 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 121 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 117Page - STMicroelectronics STM32L496AE Datasheet HTML 118Page - STMicroelectronics STM32L496AE Datasheet HTML 119Page - STMicroelectronics STM32L496AE Datasheet HTML 120Page - STMicroelectronics STM32L496AE Datasheet HTML 121Page - STMicroelectronics STM32L496AE Datasheet HTML 122Page - STMicroelectronics STM32L496AE Datasheet HTML 123Page - STMicroelectronics STM32L496AE Datasheet HTML 124Page - STMicroelectronics STM32L496AE Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 263 page
background image
Table 27. Current consumption in Run modes, code with data processing running from Flash,
(ART enable Cache ON Prefetch OFF) and power supplied
(by external SMPS (VDD12 = 1.10 V)
Symbol
Parameter
Conditions(1)
TYP
Unit
-fHCLK
25 °C 55 °C
85 °C
105 °C 125 °C
IDD_ALL(Run)
Supply current in Run
mode
fHCLK = fHSE up to 48MHz included, bypass mode
PLL ON above
48 MHz all peripherals disable
80 MHz
3.39
3.42
3.48
3.57
3.74
mA
72 MHz
3.06
3.09
3.15
3.24
3.43
64 MHz
2.74
2.76
2.81
2.91
3.10
48 MHz
2.06
2.08
2.14
2.23
2.42
32 MHz
1.39
1.41
1.46
1.56
1.74
24 MHz
1.06
1.07
1.13
1.22
1.40
16 MHz
0.72
0.74
0.79
0.88
1.06
8 MHz
0.39
0.41
0.46
0.56
0.75
4 MHz
0.22
0.24
0.29
0.39
0.58
2 MHz
0.14
0.16
0.21
0.30
0.50
1 MHz
0.10
0.11
0.16
0.26
0.46
100 kHz
0.06
0.07
0.13
0.22
0.42
1. All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%,
VDD12 = 1.10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com