Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 132 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 132 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 128Page - STMicroelectronics STM32L496AE Datasheet HTML 129Page - STMicroelectronics STM32L496AE Datasheet HTML 130Page - STMicroelectronics STM32L496AE Datasheet HTML 131Page - STMicroelectronics STM32L496AE Datasheet HTML 132Page - STMicroelectronics STM32L496AE Datasheet HTML 133Page - STMicroelectronics STM32L496AE Datasheet HTML 134Page - STMicroelectronics STM32L496AE Datasheet HTML 135Page - STMicroelectronics STM32L496AE Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 263 page
background image
Table 42. Current consumption in Sleep, Flash ON and power supplied
by external SMPS (VDD12 = 1.10 V)
Symbol
Parameter
Conditions(1)
TYP
Unit
-fHCLK
25 °C
55 °C
85 °C
105 °C 125 °C
IDD_ALL(Sleep)
Supply current in sleep mode,
fHCLK = fHSE up to 48 MHz included, bypass
mode
pll ON above
48 MHz all peripherals disable
80 MHz
0.92
0.94
0.99
1.08
1.27
mA
72 MHz
0.84
0.86
0.91
1.00
1.18
64 MHz
0.75
0.77
0.82
0.91
1.10
48 MHz
0.57
0.59
0.64
0.73
0.91
32 MHz
0.40
0.41
0.47
0.55
0.74
24 MHz
0.31
0.33
0.38
0.47
0.65
16 MHz
0.23
0.24
0.29
0.38
0.56
8 MHz
0.14
0.16
0.21
0.31
0.50
4 MHz
0.10
0.11
0.17
0.26
0.46
2 MHz
0.08
0.09
0.15
0.24
0.44
1 MHz
0.07
0.08
0.13
0.23
0.43
100 kHz
0.06
0.07
0.13
0.22
0.41
1. All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%,
VDD12 = 1.10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com