Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 133 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 133 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 129Page - STMicroelectronics STM32L496AE Datasheet HTML 130Page - STMicroelectronics STM32L496AE Datasheet HTML 131Page - STMicroelectronics STM32L496AE Datasheet HTML 132Page - STMicroelectronics STM32L496AE Datasheet HTML 133Page - STMicroelectronics STM32L496AE Datasheet HTML 134Page - STMicroelectronics STM32L496AE Datasheet HTML 135Page - STMicroelectronics STM32L496AE Datasheet HTML 136Page - STMicroelectronics STM32L496AE Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 263 page
background image
Table 43. Current consumption in Low-power sleep modes, Flash in power-down
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL
(LPSleep)
Supply current
in low-power
sleep mode
fHCLK = fMSI
all peripherals disable
2 MHz
92.7
124
258
487
968
105
224
474
969
2006
µA
1 MHz
63.5
97.5
223
460
951
75
193
446
942
1975
400 kHz
42.6
75.6
207
443
947
54
171
426
923
1955
100 kHz
31.2
67.6
199
437
905
44
162
420
916
1947
1. Guaranteed by characterization results, unless otherwise specified.
Table 44. Current consumption in Stop 2 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Stop 2)
Supply current in
Stop 2 mode,
RTC disabled
LCD disabled
1.8 V
2.57
6.86
25.2
60.1
135
5.3
16.4
64
154.6
353
µA
2.4 V
2.62
6.91
25.5
60.6
137
5.3
16.6
64.9
156.7
359
3 V
2.69
6.93
25.7
61.5
140
5.4
16.9
66.3
159.7
366
3.6 V
2.7
7.08
26.3
62.9
143
5.4
17.4
67.8
163.8
375
LCD enabled(2)
clocked by LSI
1.8 V
2.92
7.19
25.3
59.5
135
5.3
16.6
64.8
155.6
355
2.4 V
2.99
7.3
25.6
60.3
136
5.5
16.8
65.9
157.9
360
3 V
3.04
7.41
26.1
61.7
140
5.9
17.3
67.1
160.8
367
3.6 V
3.31
7.7
26.8
63.2
143
6.2
17.9
69.1
165.0
376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com