Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 137 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 137 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 133Page - STMicroelectronics STM32L496AE Datasheet HTML 134Page - STMicroelectronics STM32L496AE Datasheet HTML 135Page - STMicroelectronics STM32L496AE Datasheet HTML 136Page - STMicroelectronics STM32L496AE Datasheet HTML 137Page - STMicroelectronics STM32L496AE Datasheet HTML 138Page - STMicroelectronics STM32L496AE Datasheet HTML 139Page - STMicroelectronics STM32L496AE Datasheet HTML 140Page - STMicroelectronics STM32L496AE Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 263 page
background image
IDD_ALL
(wakeup
from Stop1)
Supply current
during
wakeup from
Stop 1
Wakeup clock MSI = 48 MHz,
voltage Range 1.
See (4).
3 V
0.99
-
-
-
-
---
-
-
mA
Wakeup clock MSI = 4 MHz,
voltage Range 2.
See (4).
3 V
1.1
-
-
-
-
---
-
-
Wakeup clock
HSI16 = 16 MHz,
voltage Range 1.
See (4).
3 V
0.95
-
-
-
-
---
-
-
1. Guaranteed by characterization results, unless otherwise specified.
2. LCD enabled with external voltage source. Consumption from VLCD excluded. Refer to LCD controller characteristics for IVLCD.
3. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
4. Wakeup with code execution from Flash. Average value given for a typical wakeup time as specified in Table 51: Low-power mode wakeup timings.
Table 45. Current consumption in Stop 1 mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
--
VDD
25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C
Table 46. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
VDD
25 °C 55 °C 85 °C 105 °C
125
°C
25 °C
55 °C
85 °C 105 °C
125 °C
IDD_ALL
(Stop 0)
Supply current in Stop 0
mode,
RTC disabled
1.8 V
127
153
244
404
734
148
218
471
905
1795
µA
2.4 V
129
155
247
407
737
151
221
474
910
1803
3 V
131
156
249
409
741
154
224
478
915
1813
3.6 V
133
158
251
412
744
157
228
482
921
1822(2)
1. Guaranteed by characterization results, unless otherwise specified.
2. Guaranteed by test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com