Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 141 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 141 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 137Page - STMicroelectronics STM32L496AE Datasheet HTML 138Page - STMicroelectronics STM32L496AE Datasheet HTML 139Page - STMicroelectronics STM32L496AE Datasheet HTML 140Page - STMicroelectronics STM32L496AE Datasheet HTML 141Page - STMicroelectronics STM32L496AE Datasheet HTML 142Page - STMicroelectronics STM32L496AE Datasheet HTML 143Page - STMicroelectronics STM32L496AE Datasheet HTML 144Page - STMicroelectronics STM32L496AE Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 263 page
background image
Table 49. Current consumption in VBAT mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VBAT
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IVDD_VBAT(VBAT)
Backup domain
supply current
RTC disabled
1.8 V
2
18
110
329
908
-
-
-
-
-
nA
2.4 V
2
20
125
371
1016
-
-
-
-
-
3 V
3
25
154
546
1965
-
-
-
-
-
3.6 V
10
57
324
963
2688
-
-
-
-
-
RTC enabled and
clocked by LSE
bypassed at
32768 Hz
1.8 V
198
216
312
535
-
-
-
-
-
-
2.4 V
280
300
411
664
-
-
-
-
-
-
3 V
375
402
544
943
-
-
-
-
-
-
3.6 V
488
529
791
1459
-
-
-
-
-
-
RTC enabled and
clocked by LSE
quartz(2)
1.8 V
320
347
448
856
1432
-
-
-
-
-
2.4 V
405
436
550
921
1567
-
-
-
-
-
3 V
512
545
686
1128
2529
-
-
-
-
-
3.6 V
648
705
976
1588
3293
-
-
-
-
-
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com