Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 175 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 175 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 171Page - STMicroelectronics STM32L496AE Datasheet HTML 172Page - STMicroelectronics STM32L496AE Datasheet HTML 173Page - STMicroelectronics STM32L496AE Datasheet HTML 174Page - STMicroelectronics STM32L496AE Datasheet HTML 175Page - STMicroelectronics STM32L496AE Datasheet HTML 176Page - STMicroelectronics STM32L496AE Datasheet HTML 177Page - STMicroelectronics STM32L496AE Datasheet HTML 178Page - STMicroelectronics STM32L496AE Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 263 page
background image
DocID029173 Rev 2
175/263
STM32L496xx
Electrical characteristics
236
Table 76. Maximum ADC RAIN(1)(2)
Resolution
Sampling cycle
@80 MHz
Sampling time [ns]
@80 MHz
RAIN max (Ω)
Fast channels(3)
Slow channels(4)
12 bits
2.5
31.25
100
N/A
6.5
81.25
330
100
12.5
156.25
680
470
24.5
306.25
1500
1200
47.5
593.75
2200
1800
92.5
1156.25
4700
3900
247.5
3093.75
12000
10000
640.5
8006.75
39000
33000
10 bits
2.5
31.25
120
N/A
6.5
81.25
390
180
12.5
156.25
820
560
24.5
306.25
1500
1200
47.5
593.75
2200
1800
92.5
1156.25
5600
4700
247.5
3093.75
12000
10000
640.5
8006.75
47000
39000
8 bits
2.5
31.25
180
N/A
6.5
81.25
470
270
12.5
156.25
1000
680
24.5
306.25
1800
1500
47.5
593.75
2700
2200
92.5
1156.25
6800
5600
247.5
3093.75
15000
12000
640.5
8006.75
50000
50000
6 bits
2.5
31.25
220
N/A
6.5
81.25
560
330
12.5
156.25
1200
1000
24.5
306.25
2700
2200
47.5
593.75
3900
3300
92.5
1156.25
8200
6800
247.5
3093.75
18000
15000
640.5
8006.75
50000
50000
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com