Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 173 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 173 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 169Page - STMicroelectronics STM32L496AE Datasheet HTML 170Page - STMicroelectronics STM32L496AE Datasheet HTML 171Page - STMicroelectronics STM32L496AE Datasheet HTML 172Page - STMicroelectronics STM32L496AE Datasheet HTML 173Page - STMicroelectronics STM32L496AE Datasheet HTML 174Page - STMicroelectronics STM32L496AE Datasheet HTML 175Page - STMicroelectronics STM32L496AE Datasheet HTML 176Page - STMicroelectronics STM32L496AE Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 263 page
background image
DocID029173 Rev 2
173/263
STM32L496xx
Electrical characteristics
236
6.3.17
Analog-to-Digital converter characteristics
Unless otherwise specified, the parameters given in Table 75 are preliminary values derived
from tests performed under ambient temperature, fPCLK frequency and VDDA supply voltage
conditions summarized in Table 22: General operating conditions.
Note:
It is recommended to perform a calibration after each power-up.
Table 75. ADC characteristics(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.62
-
3.6
V
VREF+
Positive reference voltage
VDDA ≥ 2 V
2
-
VDDA
V
VDDA < 2 V
VDDA
V
VREF-
Negative reference
voltage
-VSSA
V
fADC
ADC clock frequency
Range 1
-
-
80
MHz
Range 2
-
-
26
fs
Sampling rate for FAST
channels
Resolution = 12 bits
-
-
5.33
Msps
Resolution = 10 bits
-
-
6.15
Resolution = 8 bits
-
-
7.27
Resolution = 6 bits
-
-
8.88
Sampling rate for SLOW
channels
Resolution = 12 bits
-
-
4.21
Resolution = 10 bits
-
-
4.71
Resolution = 8 bits
-
-
5.33
Resolution = 6 bits
-
-
6.15
fTRIG
External trigger frequency
fADC = 80 MHz
Resolution = 12 bits
-
-
5.33
MHz
Resolution = 12 bits
-
-
15
1/fADC
VAIN (3)
Conversion voltage
range(2)
-0
-
VREF+
V
RAIN
External input impedance
-
-
-
50
kΩ
CADC
Internal sample and hold
capacitor
--
5
-
pF
tSTAB
Power-up time
-
1
conversion
cycle
tCAL
Calibration time
fADC = 80 MHz
1.45
µs
-116
1/fADC
tLATR
Trigger conversion
latency Regular and
injected channels without
conversion abort
CKMODE = 00
1.5
2
2.5
1/fADC
CKMODE = 01
-
-
2.0
CKMODE = 10
-
-
2.25
CKMODE = 11
-
-
2.125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com