Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 169 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 169 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 165Page - STMicroelectronics STM32L496AE Datasheet HTML 166Page - STMicroelectronics STM32L496AE Datasheet HTML 167Page - STMicroelectronics STM32L496AE Datasheet HTML 168Page - STMicroelectronics STM32L496AE Datasheet HTML 169Page - STMicroelectronics STM32L496AE Datasheet HTML 170Page - STMicroelectronics STM32L496AE Datasheet HTML 171Page - STMicroelectronics STM32L496AE Datasheet HTML 172Page - STMicroelectronics STM32L496AE Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 263 page
background image
DocID029173 Rev 2
169/263
STM32L496xx
Electrical characteristics
236
Table 72. I/O AC characteristics(1)(2)
Speed Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum frequency
C=50 pF, 2.7 V≤VDDIOx≤3.6 V
-
5
MHz
C=50 pF, 1.62 V≤VDDIOx≤2.7 V
-
1
C=50 pF, 1.08 V≤VDDIOx≤1.62 V
-
0.1
C=10 pF, 2.7 V≤VDDIOx≤3.6 V
-
10
C=10 pF, 1.62 V≤VDDIOx≤2.7 V
-
1.5
C=10 pF, 1.08 V≤VDDIOx≤1.62 V
-
0.1
Tr/Tf
Output rise and fall time
C=50 pF, 2.7 V≤VDDIOx≤3.6 V
-
25
ns
C=50 pF, 1.62 V≤VDDIOx≤2.7 V
-
52
C=50 pF, 1.08 V≤VDDIOx≤1.62 V
-
140
C=10 pF, 2.7 V≤VDDIOx≤3.6 V
-
17
C=10 pF, 1.62 V≤VDDIOx≤2.7 V
-
37
C=10 pF, 1.08 V≤VDDIOx≤1.62 V
-
110
01
Fmax
Maximum frequency
C=50 pF, 2.7 V≤VDDIOx≤3.6 V
-
25
MHz
C=50 pF, 1.62 V≤VDDIOx≤2.7 V
-
10
C=50 pF, 1.08 V≤VDDIOx≤1.62 V
-
1
C=10 pF, 2.7 V≤VDDIOx≤3.6 V
-
50
C=10 pF, 1.62 V≤VDDIOx≤2.7 V
-
15
C=10 pF, 1.08 V≤VDDIOx≤1.62 V
-
1
Tr/Tf
Output rise and fall time
C=50 pF, 2.7 V≤VDDIOx≤3.6 V
-
9
ns
C=50 pF, 1.62 V≤VDDIOx≤2.7 V
-
16
C=50 pF, 1.08 V≤VDDIOx≤1.62 V
-
40
C=10 pF, 2.7 V≤VDDIOx≤3.6 V
-
4.5
C=10 pF, 1.62 V≤VDDIOx≤2.7 V
-
9
C=10 pF, 1.08 V≤VDDIOx≤1.62 V
-
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com