Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 166 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 166 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 162Page - STMicroelectronics STM32L496AE Datasheet HTML 163Page - STMicroelectronics STM32L496AE Datasheet HTML 164Page - STMicroelectronics STM32L496AE Datasheet HTML 165Page - STMicroelectronics STM32L496AE Datasheet HTML 166Page - STMicroelectronics STM32L496AE Datasheet HTML 167Page - STMicroelectronics STM32L496AE Datasheet HTML 168Page - STMicroelectronics STM32L496AE Datasheet HTML 169Page - STMicroelectronics STM32L496AE Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 263 page
background image
Electrical characteristics
STM32L496xx
166/263
DocID029173 Rev 2
Ilkg
FT_xx input leakage
current(3)
VIN ≤ Max(VDDXXX)(4)
--
±100
nA
Max(VDDXXX) ≤ VIN ≤
Max(VDDXXX)+1 V(4)(5)
--
650(3)(6)
Max(VDDXXX)+1 V <
VIN ≤ 5.5 V(3)(5)
-
-
200(6)
FT_lu, FT_u and
PC3 IO
VIN ≤ Max(VDDXXX) (4)
--
±150
Max(VDDXXX) ≤ VIN ≤
Max(VDDXXX)+1 V(4)
-
-
2500(3)(7)
Max(VDDXXX)+1 V <
VIN ≤ 5.5 V(4)(5)(7)
-
-
250(7)
TT_xx input leakage
current
VIN ≤ Max(VDDXXX)(6)
--
±150
Max(VDDXXX) ≤ VIN <
3.6 V(6)
-
-
2000(3)
OPAMPx_VINM
(x=1,2) dedicated
input leakage current
(UFBGA132 only)
--
-
(8)
RPU
Weak pull-up
equivalent resistor (9)
VIN = VSS
25
40
55
kΩ
RPD
Weak pull-down
equivalent resistor(9)
VIN = VDDIOx
25
40
55
kΩ
CIO
I/O pin capacitance
-
-
5
-
pF
1. Refer to Figure 28: I/O input characteristics.
2. Tested in production.
3. Guaranteed by design.
4. Max(VDDXXX) is the maximum value of all the I/O supplies. Refer to Table: Legend/Abbreviations used in the pinout table.
5. All TX_xx IO except FT_lu, FT_u and PC3.
6. This value represents the pad leakage of the IO itself. The total product pad leakage is provided by this formula:
ITotal_Ileak_max = 10 µA + [number of IOs where VIN is applied on the pad] ₓ Ilkg(Max).
7. To sustain a voltage higher than MIN(VDD, VDDA) +0.3 V, the internal Pull-up and Pull-Down resistors must be disabled.
8. Refer to Ibias in Table 85: OPAMP characteristics for the values of the OPAMP dedicated input leakage current.
9. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
PMOS/NMOS contribution to the series resistance is minimal (~10% order).
Table 70. I/O static characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com