Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 170 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 170 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 166Page - STMicroelectronics STM32L496AE Datasheet HTML 167Page - STMicroelectronics STM32L496AE Datasheet HTML 168Page - STMicroelectronics STM32L496AE Datasheet HTML 169Page - STMicroelectronics STM32L496AE Datasheet HTML 170Page - STMicroelectronics STM32L496AE Datasheet HTML 171Page - STMicroelectronics STM32L496AE Datasheet HTML 172Page - STMicroelectronics STM32L496AE Datasheet HTML 173Page - STMicroelectronics STM32L496AE Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 263 page
background image
Electrical characteristics
STM32L496xx
170/263
DocID029173 Rev 2
10
Fmax
Maximum frequency
C=50 pF, 2.7 V≤VDDIOx≤3.6 V
-
50
MHz
C=50 pF, 1.62 V≤VDDIOx≤2.7 V
-
25
C=50 pF, 1.08 V≤VDDIOx≤1.62 V
-
5
C=10 pF, 2.7 V≤VDDIOx≤3.6 V
-
100(3)
C=10 pF, 1.62 V≤VDDIOx≤2.7 V
-
37.5
C=10 pF, 1.08 V≤VDDIOx≤1.62 V
-
5
Tr/Tf
Output rise and fall time
C=50 pF, 2.7 V≤VDDIOx≤3.6 V
-
5.8
ns
C=50 pF, 1.62 V≤VDDIOx≤2.7 V
-
11
C=50 pF, 1.08 V≤VDDIOx≤1.62 V
-
28
C=10 pF, 2.7 V≤VDDIOx≤3.6 V
-
2.5
C=10 pF, 1.62 V≤VDDIOx≤2.7 V
-
5
C=10 pF, 1.08 V≤VDDIOx≤1.62 V
-
12
11
Fmax
Maximum frequency
C=30 pF, 2.7 V≤VDDIOx≤3.6 V
-
120(3)
MHz
C=30 pF, 1.62 V≤VDDIOx≤2.7 V
-
50
C=30 pF, 1.08 V≤VDDIOx≤1.62 V
-
10
C=10 pF, 2.7 V≤VDDIOx≤3.6 V
-
180(3)
C=10 pF, 1.62 V≤VDDIOx≤2.7 V
-
75
C=10 pF, 1.08 V≤VDDIOx≤1.62 V
-
10
Tr/Tf
Output rise and fall time
C=30 pF, 2.7 V≤VDDIOx≤3.6 V
-
3.3
ns
C=30 pF, 1.62 V≤VDDIOx≤2.7 V
-
6
C=30 pF, 1.08 V≤VDDIOx≤1.62 V
-
16
Fm+
Fmax
Maximum frequency
C=50 pF, 1.6 V≤VDDIOx≤3.6 V
-1
MHz
Tf
Output fall time(4)
-5
ns
1. The I/O speed is configured using the OSPEEDRy[1:0] bits. The Fm+ mode is configured in the SYSCFG_CFGR1 register.
Refer to the RM0351 reference manual for a description of GPIO Port configuration register.
2. Guaranteed by design.
3. This value represents the I/O capability but the maximum system frequency is limited to 80 MHz.
4. The fall time is defined between 70% and 30% of the output waveform accordingly to I2C specification.
Table 72. I/O AC characteristics(1)(2) (continued)
Speed Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com