Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 182 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 182 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 178Page - STMicroelectronics STM32L496AE Datasheet HTML 179Page - STMicroelectronics STM32L496AE Datasheet HTML 180Page - STMicroelectronics STM32L496AE Datasheet HTML 181Page - STMicroelectronics STM32L496AE Datasheet HTML 182Page - STMicroelectronics STM32L496AE Datasheet HTML 183Page - STMicroelectronics STM32L496AE Datasheet HTML 184Page - STMicroelectronics STM32L496AE Datasheet HTML 185Page - STMicroelectronics STM32L496AE Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 263 page
background image
Electrical characteristics
STM32L496xx
182/263
DocID029173 Rev 2
THD
Total
harmonic
distortion
ADC clock frequency ≤
80 MHz,
Sampling rate ≤ 5.33 Msps,
1.65 V ≤ VDDA = VREF+ ≤
3.6 V,
Voltage scaling Range 1
Single
ended
Fast channel (max speed)
-
-69
-67
dB
Slow channel (max speed)
-
-71
-67
Differential
Fast channel (max speed)
-
-72
-71
Slow channel (max speed)
-
-72
-71
1. Guaranteed by design.
2. ADC DC accuracy values are measured after internal calibration.
3. ADC accuracy vs. negative Injection Current: Injecting negative current on any analog input pins should be avoided as this
significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a
Schottky diode (pin to ground) to analog pins which may potentially inject negative current.
4. The I/O analog switch voltage booster is enable when VDDA < 2.4 V (BOOSTEN = 1 in the SYSCFG_CFGR1 when
VDDA < 2.4 V). It is disable when VDDA ≥ 2.4 V. No oversampling.
Table 79. ADC accuracy - limited test conditions 3(1)(2)(3) (continued)
Sym-
bol
Parameter
Conditions(4)
Min Typ Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com