Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AE Arkusz danych(PDF) 183 Page - STMicroelectronics

Numer części STM32L496AE
Szczegółowy opis  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Arkusz danych(HTML) 183 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 179Page - STMicroelectronics STM32L496AE Datasheet HTML 180Page - STMicroelectronics STM32L496AE Datasheet HTML 181Page - STMicroelectronics STM32L496AE Datasheet HTML 182Page - STMicroelectronics STM32L496AE Datasheet HTML 183Page - STMicroelectronics STM32L496AE Datasheet HTML 184Page - STMicroelectronics STM32L496AE Datasheet HTML 185Page - STMicroelectronics STM32L496AE Datasheet HTML 186Page - STMicroelectronics STM32L496AE Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 263 page
background image
DocID029173 Rev 2
183/263
STM32L496xx
Electrical characteristics
236
Table 80. ADC accuracy - limited test conditions 4(1)(2)(3)
Sym-
bol
Parameter
Conditions(4)
Min Typ Max Unit
ET
Total
unadjusted
error
ADC clock frequency ≤
26 MHz,
1.65 V ≤ VDDA = VREF+ ≤
3.6 V,
Voltage scaling Range 2
Single
ended
Fast channel (max speed)
-
5
5.4
LSB
Slow channel (max speed)
-
4
5
Differential
Fast channel (max speed)
-
4
5
Slow channel (max speed)
-
3.5
4.5
EO
Offset
error
Single
ended
Fast channel (max speed)
-
2
4
Slow channel (max speed)
-
2
4
Differential
Fast channel (max speed)
-
2
3.5
Slow channel (max speed)
-
2
3.5
EG
Gain error
Single
ended
Fast channel (max speed)
-
4
4.5
Slow channel (max speed)
-
4
4.5
Differential
Fast channel (max speed)
-
3
4
Slow channel (max speed)
-
3
4
ED
Differential
linearity
error
Single
ended
Fast channel (max speed)
-
1
1.5
Slow channel (max speed)
-
1
1.5
Differential
Fast channel (max speed)
-
1
1.2
Slow channel (max speed)
-
1
1.2
EL
Integral
linearity
error
Single
ended
Fast channel (max speed)
-
2.5
3
Slow channel (max speed)
-
2.5
3
Differential
Fast channel (max speed)
-
2
2.5
Slow channel (max speed)
-
2
2.5
ENOB
Effective
number of
bits
Single
ended
Fast channel (max speed) 10.2 10.5
-
bits
Slow channel (max speed) 10.2 10.5
-
Differential
Fast channel (max speed) 10.6 10.7
-
Slow channel (max speed) 10.6 10.7
-
SINAD
Signal-to-
noise and
distortion
ratio
Single
ended
Fast channel (max speed)
63
65
-
dB
Slow channel (max speed)
63
65
-
Differential
Fast channel (max speed)
65
66
-
Slow channel (max speed)
65
66
-
SNR
Signal-to-
noise ratio
Single
ended
Fast channel (max speed)
64
65
-
Slow channel (max speed)
64
65
-
Differential
Fast channel (max speed)
66
67
-
Slow channel (max speed)
66
67
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com