Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F51101ADLM Arkusz danych(PDF) 39 Page - Renesas Technology Corp

Numer części R5F51101ADLM
Szczegółowy opis  32 MHz 32-bit RX MCUs, 50 DMIPS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51101ADLM Arkusz danych(HTML) 39 Page - Renesas Technology Corp

Back Button R5F51101ADLM Datasheet HTML 35Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 36Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 37Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 38Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 39Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 40Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 41Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 42Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 39 of 108
Jul 29, 2016
RX110 Group
4. I/O Registers
0008 9034h
S12AD
A/D Data Register 10
ADDR10
16
16
2 or 3 PCLKB
0008 9036h
S12AD
A/D Data Register 11
ADDR11
16
16
2 or 3 PCLKB
0008 9038h
S12AD
A/D Data Register 12
ADDR12
16
16
2 or 3 PCLKB
0008 903Ah
S12AD
A/D Data Register 13
ADDR13
16
16
2 or 3 PCLKB
0008 903Ch
S12AD
A/D Data Register 14
ADDR14
16
16
2 or 3 PCLKB
0008 903Eh
S12AD
A/D Data Register 15
ADDR15
16
16
2 or 3 PCLKB
0008 9060h
S12AD
A/D Sampling State Register 0
ADSSTR0
8
8
2 or 3 PCLKB
0008 9061h
S12AD
A/D Sampling State Register L
ADSSTRL
8
8
2 or 3 PCLKB
0008 9070h
S12AD
A/D Sampling State Register T
ADSSTRT
8
8
2 or 3 PCLKB
0008 9071h
S12AD
A/D Sampling State Register O
ADSSTRO
8
8
2 or 3 PCLKB
0008 9073h
S12AD
A/D Sampling State Register 1
ADSSTR1
8
8
2 or 3 PCLKB
0008 9074h
S12AD
A/D Sampling State Register 2
ADSSTR2
8
8
2 or 3 PCLKB
0008 9075h
S12AD
A/D Sampling State Register 3
ADSSTR3
8
8
2 or 3 PCLKB
0008 9076h
S12AD
A/D Sampling State Register 4
ADSSTR4
8
8
2 or 3 PCLKB
0008 9078h
S12AD
A/D Sampling State Register 6
ADSSTR6
8
8
2 or 3 PCLKB
0008 A020h
SCI1
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A021h
SCI1
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
0008 A022h
SCI1
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A023h
SCI1
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
0008 A024h
SCI1
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A025h
SCI1
Receive Data Register
RDR
8
8
2 or 3 PCLKB
0008 A026h
SCI1
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A027h
SCI1
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
0008 A028h
SCI1
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
0008 A029h
SCI1
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
0008 A02Ah
SCI1
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
0008 A02Bh
SCI1
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
0008 A02Ch
SCI1
I2C Status Register
SISR
8
8
2 or 3 PCLKB
0008 A02Dh
SCI1
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
0008 A0A0h
SCI5
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A0A1h
SCI5
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
0008 A0A2h
SCI5
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A0A3h
SCI5
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
0008 A0A4h
SCI5
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A0A5h
SCI5
Receive Data Register
RDR
8
8
2 or 3 PCLKB
0008 A0A6h
SCI5
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A0A7h
SCI5
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
0008 A0A8h
SCI5
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
0008 A0A9h
SCI5
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
0008 A0AAh
SCI5
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
0008 A0ABh
SCI5
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
0008 A0ACh
SCI5
I2C Status Register
SISR
8
8
2 or 3 PCLKB
0008 A0ADh
SCI5
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
0008 B000h
CAC
CAC Control Register 0
CACR0
8
8
2 or 3 PCLKB
0008 B001h
CAC
CAC Control Register 1
CACR1
8
8
2 or 3 PCLKB
0008 B002h
CAC
CAC Control Register 2
CACR2
8
8
2 or 3 PCLKB
0008 B003h
CAC
CAC Interrupt Request Enable Register
CAICR
8
8
2 or 3 PCLKB
0008 B004h
CAC
CAC Status Register
CASTR
8
8
2 or 3 PCLKB
0008 B006h
CAC
CAC Upper-Limit Value Setting Register
CAULVR
16
16
2 or 3 PCLKB
0008 B008h
CAC
CAC Lower-Limit Value Setting Register
CALLVR
16
16
2 or 3 PCLKB
0008 B00Ah
CAC
CAC Counter Buffer Register
CACNTBR
16
16
2 or 3 PCLKB
0008 B080h
DOC
DOC Control Register
DOCR
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (8/13)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com