Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F51101ADLM Arkusz danych(PDF) 69 Page - Renesas Technology Corp

Numer części R5F51101ADLM
Szczegółowy opis  32 MHz 32-bit RX MCUs, 50 DMIPS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51101ADLM Arkusz danych(HTML) 69 Page - Renesas Technology Corp

Back Button R5F51101ADLM Datasheet HTML 65Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 66Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 67Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 68Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 69Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 70Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 71Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 72Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 69 of 108
Jul 29, 2016
RX110 Group
5. Electrical Characteristics
Note:
When the division ratios of PCLKB, PCLKD, FCLK, and ICLK are all set to 1.
Note 1. The sub-clock continues oscillating in software standby mode during low-speed mode.
Figure 5.28
Software Standby Mode Cancellation Timing
Table 5.26
Timing of Recovery from Low Power Consumption Modes (3)
Conditions: 1.8 V
≤ VCC ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Recovery time
from software
standby mode*1
Low-speed
mode
Sub-clock oscillator operating
tSBYSC
—
600
750
μs
Figure 5.28
Oscillator
ICLK
IRQ
Software standby mode
tSBYMC, tSBYPC, tSBYEX,
tSBYPE, tSBYHO, tSBYLO
tSBYSC
Oscillator
ICLK
IRQ
Software standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com