Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F51101ADLM Arkusz danych(PDF) 71 Page - Renesas Technology Corp

Numer części R5F51101ADLM
Szczegółowy opis  32 MHz 32-bit RX MCUs, 50 DMIPS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51101ADLM Arkusz danych(HTML) 71 Page - Renesas Technology Corp

Back Button R5F51101ADLM Datasheet HTML 67Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 68Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 69Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 70Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 71Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 72Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 73Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 74Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 71 of 108
Jul 29, 2016
RX110 Group
5. Electrical Characteristics
5.3.4
Control Signal Timing
Note:
200 ns minimum in software standby mode.
Note 1. tPcyc indicates the cycle of PCLKB.
Note 2. tNMICK indicates the cycle of the NMI digital filter sampling clock.
Note 3. tIRQCK indicates the cycle of the IRQi digital filter sampling clock (i = 0 to 7).
Figure 5.30
NMI Interrupt Input Timing
Figure 5.31
IRQ Interrupt Input Timing
Table 5.29
Control Signal Timing
Conditions: 1.8 V
≤ VCC ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
NMI pulse width
tNMIW
200
—
—
ns
NMI digital filter disabled
(NMIFLTE.NFLTEN = 0)
tPcyc × 2 ≤ 200 ns
tPcyc × 2*1
——
tPcyc × 2 > 200 ns
200
—
—
NMI digital filter enabled
(NMIFLTE.NFLTEN = 1)
tNMICK × 3 ≤ 200 ns
tNMICK × 3.5*2
——
tNMICK × 3 > 200 ns
IRQ pulse width
tIRQW
200
—
—
ns
IRQ digital filter disabled
(IRQFLTE0.FLTENi = 0)
tPcyc × 2 ≤ 200 ns
tPcyc × 2*1
——
tPcyc × 2 > 200 ns
200
—
—
IRQ digital filter enabled
(IRQFLTE0.FLTENi = 1)
tIRQCK × 3 ≤ 200 ns
tIRQCK × 3.5*3
——
tIRQCK × 3 > 200 ns
NMI
tNMIW
IRQ
tIRQW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com