Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F51101ADLM Arkusz danych(PDF) 29 Page - Renesas Technology Corp

Numer części R5F51101ADLM
Szczegółowy opis  32 MHz 32-bit RX MCUs, 50 DMIPS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51101ADLM Arkusz danych(HTML) 29 Page - Renesas Technology Corp

Back Button R5F51101ADLM Datasheet HTML 25Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 26Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 27Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 28Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 29Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 30Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 31Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 32Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 29 of 108
Jul 29, 2016
RX110 Group
3. Address Space
Figure 3.1
Memory Map
Reserved area*
3
Reserved area*
3
Reserved area*
3
Reserved area*
3
0000 0000h
0008 0000h
FFFF FFFFh
Single-chip mode*
1
RAM*
2
On-chip ROM (program ROM)*
2
0010 0000h
Peripheral I/O registers
0080 0000h
FFFE 0000h
Peripheral I/O registers
Peripheral I/O registers
007F C000h
007F C500h
007F FC00h
0000 4000h
Note 1.
The address space in boot mode is the same as the address space in single-chip mode.
Note 2.
The capacity of ROM/RAM differs depending on the products.
Note:See Table 1.3, List of Products, for the product type name.
Note 3. Reserved areas should not be accessed.
ROM (bytes)
RAM (bytes)
Capacity
Address
Capacity
Address
128 K
FFFE 0000h to FFFF FFFFh
16 K
0000 0000h to 0000 3FFFh
96 K
FFFE 8000h to FFFF FFFFh
64 K
FFFF 0000h to FFFF FFFFh
10 K
0000 0000h to 0000 27FFh
32 K
FFFF 8000h to FFFF FFFFh
16 K
FFFF C000h to FFFF FFFFh
8 K
0000 0000h to 0000 1FFFh
8 K
FFFF E000h to FFFF FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com