Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R5F51101ADLM Arkusz danych(PDF) 51 Page - Renesas Technology Corp

Numer części R5F51101ADLM
Szczegółowy opis  32 MHz 32-bit RX MCUs, 50 DMIPS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51101ADLM Arkusz danych(HTML) 51 Page - Renesas Technology Corp

Back Button R5F51101ADLM Datasheet HTML 47Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 48Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 49Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 50Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 51Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 52Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 53Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 54Page - Renesas Technology Corp R5F51101ADLM Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 51 of 108
Jul 29, 2016
RX110 Group
5. Electrical Characteristics
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. The IWDT and LVD are stopped.
Note 3. VCC = 3.3 V.
Note 4. Includes the oscillation circuit.
Figure 5.4
Voltage Dependency in Software Standby Mode (Reference Data)
Table 5.8
DC Characteristics (6)
Conditions: 1.8 V
≤ VCC ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = 0 V, T
a = –40 to +105°C
Item
Symbol
Typ.*3
Max.
Unit
Test Conditions
Supply
current*1
Software standby
mode*2
Ta = 25°C
ICC
0.35
0.53
μA
Ta = 55°C
0.54
1.17
Ta = 85°C
1.38
5.2
Ta = 105°C
2.8
11.4
Increment for RTC operation*4
0.31
—
RCR3.RTCDV[2:0] = 010b
1.09
—
RCR3.RTCDV[2:0] = 100b
Increment for IWDT operation
0.37
—
VCC (V)
0.1
1
10
100
1.52
2.53
3.54
Ta = 105°C
*2
Ta = 85°C
*2
Ta = 105°C
*1
Ta = 85°C
*1
Ta = 55°C
*2
Ta = 55°C
*1
Ta = 25°C
*2
Ta = 25°C
*1
Note 1. Average value of the tested middle samples during product evaluation.
Note 2. Average value of the tested upper-limit samples during product evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com