Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AME8501CEFVCF22 Arkusz danych(PDF) 4 Page - Analog Microelectronics

Numer części AME8501CEFVCF22
Szczegółowy opis  UProcessor Supervisory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AME [Analog Microelectronics]
Strona internetowa  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8501CEFVCF22 Arkusz danych(HTML) 4 Page - Analog Microelectronics

  AME8501CEFVCF22 Datasheet HTML 1Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 2Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 3Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 4Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 5Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 6Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 7Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 8Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AME, Inc.
4
µµµµµProcessor Supervisory
AME8500 / 8501
n Ordering Information
Operating Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
AME8501 x x x x x x x x
Output Driver Option
Reset Time (T
D2NOM)
VDD Threshold Voltage (V
TH)
AME8500 x x x x x x x x
A
1. GND
E: -40OC to 85OC E: SOT-2X
T: 3
A: RESETB /PP A: 1.5 ms
15: VTH= 1.5V
L: Low profile
(SOT-23)
2. Reset/
F: SOT-89
V: 5
B: RESETB /OD D: 30 ms
16: VTH= 1.6V
Y:
ResetB
C: RESET/ PP
E: 150 ms 18: VTH= 1.8V
3. VDD
D: RESET/ OD
F: 210 ms 19: VTH= 1.9V
Z: Lead free
B
1. Reset/
20: VTH= 2.0V
(SOT-23)
ResetB
21: VTH= 2.1V
2. GND
22: VTH= 2.2V
3. VDD
23: VTH= 2.32V
C
1. Reset/
24: VTH= 2.4V
(SOT-23)
ResetB
26: VTH= 2.63V
2. VDD
27: VTH= 2.7V
3. GND
28: VTH= 2.8V
A
1. GND
29: VTH= 2.93V
(SOT-89)
2. VDD
31: VTH= 3.08V
3. Reset/
40: VTH= 4.0V
ResetB
42: VTH= 4.2V
B
1. Reset/
44: VTH= 4.38V
(SOT-89)
ResetB
46: VTH= 4.63V
2. VDD
3. GND
C
1. VDD
(SOT-89)
2. GND
3. Reset/
ResetB
Lead free &
Low profile
Output Driver
Option
Characteristic
of RESET or
RESETB pin
Special
Feature
Reset
Time
(TD2NOM)
VDD
Threshold
Voltage (VTH)
Package
Type
Number
of
Pins
Operating
Temperature
Range
Pin
Configuration
(PP = Push pull out)
(RESET = Active High)
(RESETB = Active Low)
(OD = Open drain output
polarity)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com