Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AME8501CEFVCF22 Arkusz danych(PDF) 8 Page - Analog Microelectronics

Numer części AME8501CEFVCF22
Szczegółowy opis  UProcessor Supervisory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AME [Analog Microelectronics]
Strona internetowa  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8501CEFVCF22 Arkusz danych(HTML) 8 Page - Analog Microelectronics

Back Button AME8501CEFVCF22 Datasheet HTML 4Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 5Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 6Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 7Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 8Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 9Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 10Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 11Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AME, Inc.
8
µµµµµProcessor Supervisory
AME8500 / 8501
Maximum
Unit
SOT-23
325
SOT-89
180
SOT-23
350
SOT-89
650
150
oC
300
oC
oC / W
Parameter
Thermal Resistance
Maximum Junction Temperature
Maximum Lead Temperature (10 Sec)
Power Dissipation
mW
Parameter
Rating
Unit
Supply Voltage
1.6 - 5
V
Ambient Temperature Range
- 40 to + 85
oC
Junction Temperature
- 40 to + 125
oC
Storage Temperature
- 65 to 150
oC
Parameter
Maximum
Unit
Supply Voltage
7
V
ESD Classification
B
Input Current, VDD
20
mA
Output Current, RESET, ResetB
20
mA
Rate of Rise, VDD
100
V/
µs
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com