Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AME8501CEFVCF22 Arkusz danych(PDF) 7 Page - Analog Microelectronics

Numer części AME8501CEFVCF22
Szczegółowy opis  UProcessor Supervisory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AME [Analog Microelectronics]
Strona internetowa  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8501CEFVCF22 Arkusz danych(HTML) 7 Page - Analog Microelectronics

Back Button AME8501CEFVCF22 Datasheet HTML 3Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 4Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 5Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 6Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 7Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 8Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 9Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 10Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AME, Inc.
7
AME8500 / 8501
µµµµµProcessor Supervisory
n Ordering Information (contd.)
Part Number
Marking
VTH Voltage
Package
Operating Temp. Range
AME8500BEETBA42
ASIww
4.20V
SOT-23
- 40
oC to + 85oC
AME8500BEETCA21
ASXww
2.10V
SOT-23
- 40
oC to + 85oC
AME8500BEEVAK27
AUFww
2.70V
SOT-25
- 40
oC to + 85oC
AME8500BEFTAA21
A8500B
AA21ww
2.10V
SOT-89
- 40
oC to + 85oC
AME8500BEFTAA27
A8500B
AA27ww
2.70V
SOT-89
- 40
oC to + 85oC
AME8500BEFTAF27
A8500B
AF27ww
2.70V
SOT-89
- 40
oC to + 85oC
AME8500BEFTAF40
A8500B
AF40ww
4.00V
SOT-89
- 40
oC to + 85oC
AME8500BEFTBA23
A8500B
BA23ww
2.32V
SOT-89
- 40
oC to + 85oC
AME8500CEETAA21
ASYww
2.10V
SOT-23
- 40
oC to + 85oC
AME8500CEETAE26
ASHww
2.63V
SOT-23
- 40
oC to + 85oC
AME8500CEETAE42
AUZww
4.20V
SOT-23
- 40
oC to + 85oC
AME8500CEETAF29
ASLww
2.93V
SOT-23
- 40
oC to + 85oC
AME8500CEETBE42
AVAww
4.20V
SOT-23
- 40
oC to + 85oC
AME8500CEETBF31
AVYww
3.08V
SOT-23
- 40
oC to + 85oC
AME8500CEETBF46
ARWww
4.63V
SOT-23
- 40
oC to + 85oC
AME8500CEETCA21
ASZww
2.10V
SOT-23
- 40
oC to + 85oC
AME8500CEFTBA27
A8500C
BA27ww
2.70V
SOT-89
- 40
oC to + 85oC
AME8500CEFTBA29
A8500C
BA29ww
2.93V
SOT-89
- 40
oC to + 85oC
AME8500CEFTBA42
A8500C
BA42ww
4.20V
SOT-89
- 40
oC to + 85oC
AME8500CEFTCD28
A8500C
CD28ww
2.80V
SOT-89
- 40
oC to + 85oC
AME8500CEFTCD46
A8500C
CD46ww
4.63V
SOT-89
- 40
oC to + 85oC
Please consult AME sales office or authorized Rep./Distributor for other voltage options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com