Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AME8501CEFVCF22 Arkusz danych(PDF) 9 Page - Analog Microelectronics

Numer części AME8501CEFVCF22
Szczegółowy opis  UProcessor Supervisory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AME [Analog Microelectronics]
Strona internetowa  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8501CEFVCF22 Arkusz danych(HTML) 9 Page - Analog Microelectronics

Back Button AME8501CEFVCF22 Datasheet HTML 5Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 6Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 7Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 8Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 9Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 10Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 11Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 12Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AME, Inc.
9
AME8500 / 8501
µµµµµProcessor Supervisory
Parameter
Symbol
Min
Typ
Max
Units
15.5
15.5
3.0
5.0
VTHNOM - 1.5%
VTHNOM +
1.5%
VTHNOM - 2.0%
VTHNOM +
2.0%
Hysteresis Range
VHYST
20
mV
RESET Threshold
Tempco
30
ppm
RESETB Output
Voltage Low
VDD<VTH (MIN)
RESET Output
Voltage Low
VDD>VTH (MAX)
ISOURCE=0.5mA,
VDD>1.8V
ISOURCE=0.15mA,
1.8V>=VDD>1.0V
ISOURCE=0.5mA,
VDD>1.8V
ISOURCE=0.15mA,
1.8V>=VDD>1.0V
VDD to Reset Delay
TD1
40
200
µS
Version A
0.5
1.5
5
mS
Version D
15
30
50
mS
Version E
80
150
230
mS
Version F
140
210
500
mS
Version K
300
440
600
mS
Temperature Shutdown
TOFF
80
oC
Temperature Shutdown
Hysteresis
THYS
20
oC
V
VOL
0.8VDD
mV
ISINK=1.2mA,
TA= -40~85
oC
0.5
V
V
Supply Current
IDD
TA=-40~85
oC
µA
VDD = VTH*1.10
VDD = VTH*1.10, TA=-40~85
oC
Test Condition
TA=-40~85
oC
VRELEASE - VTH, note1
VTH
Reset Threshold
VDD Range*
VRANGE
AME8501 only
AME8501 only
VDD= VTH - 100mV, TA= -40 ~ 85
oC
Reset Timeout Period*
TD2
TA= -40 ~ 85
oC
RESETB Output
Voltage High
VDD>VTH (MAX)
RESET Output
Voltage High
VOH
VDD<VTH (MIN)
n Electrical Specifications
TA = 25OC unless otherwise noted
Note1:The data based on V
TH=2.7V part type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com