Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AME8501CEFVCF22 Arkusz danych(PDF) 11 Page - Analog Microelectronics

Numer części AME8501CEFVCF22
Szczegółowy opis  UProcessor Supervisory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AME [Analog Microelectronics]
Strona internetowa  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8501CEFVCF22 Arkusz danych(HTML) 11 Page - Analog Microelectronics

Back Button AME8501CEFVCF22 Datasheet HTML 6Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 7Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 8Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 9Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 10Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 11Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 12Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 13Page - Analog Microelectronics AME8501CEFVCF22 Datasheet HTML 14Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AME, Inc.
11
AME8500 / 8501
µµµµµProcessor Supervisory
I
DD vs. VDD
Threshold Hysteresis vs. Temperature
T
D1 Delay vs. Temperature
I
DD vs. Temperature
Reset V
TH vs. Temperature
Reset VOL vs. Temperature
Temperature (oC)
2.10
2.15
2.20
2.25
2.30
2.35
-45
-5
25
55
85
115
AME8500AEETAF26
2.630
2.632
2.634
2.636
2.638
2.640
2.642
2.644
2.646
2.648
2.650
-45
-5
25
55
85
115
Temperature (oC)
AME8500AEETAF26
V
DD (V)
0
0.4
0.8
1.2
1.6
2
01
2
3
45
85OC
-40OC
0OC
Temperature (oC)
37
38
39
40
41
42
43
-40
-20
0
20
40
60
80
100
Temperature (oC)
0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20406080
100
0.220
0.225
0.230
0.235
0.240
0.245
0.250
0.255
0.260
0.265
-45
-5
25
55
85
115
Temperature (oC)
AME8500AEETAF26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com