| Zakładka z wyszukiwarką danych komponentów |
|
BT8376EPF Arkusz danych(PDF) 301 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Arkusz danych(HTML) 301 Page - Synaptics Incorporated. |
|
301 / 323 page ![]() Bt8370/8375/8376 Appendix A Fully Integrated T1/E1 Framer and Line Interface A.2 T1DM Format N8370DSE Conexant A-3 A.2 T1DM Format Table A-2. T1DM Frame Format Frame # Bit # F-Bits Bit Use in Each Time Slot Terminal Framing Ft Signaling Framing Fs Sync Byte Info Ctrl 10 1 —— 1–78 1 185–192 —— 10111YR0 —— 2193 — 0 — 1–78 2 378–385 —— 10111YR0 —— 3 386 0 —— 1–78 3 571–578 —— 10111YR0 —— 4579 — 0 — 1–78 4 764–771 —— 10111YR0 —— 5 772 1 —— 1–78 5 957–964 —— 10111YR0 —— 6965 — 1 — 1–78 6 1150–1157 —— 10111YR0 —— 7 1158 0 —— 1–78 7 1343–1350 —— 10111YR0 —— 8 1351 — 1 — 1–78 8 1536–1543 —— 10111YR0 —— 9 1544 1 —— 1–78 9 1729–1736 —— 10111YR0 —— 10 1737 — 1 — 1–78 10 1922–1929 —— 10111YR0 —— 11 1930 0 —— 1–78 11 2115–2122 —— 10111YR0 —— 12 2123 — 0 — 1–78 Note: 1. Y-bit is used to indicate a Yellow Alarm (active-low). 2. R-bit is used solely by AT&T as an 8 kbps communications channel to collect performance data on long haul DDS facilities. |