| Zakładka z wyszukiwarką danych komponentów |
|
BT8376EPF Arkusz danych(PDF) 305 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Arkusz danych(HTML) 305 Page - Synaptics Incorporated. |
|
305 / 323 page ![]() Bt8370/8375/8376 Appendix A Fully Integrated T1/E1 Framer and Line Interface A.4 Extended Superframe Format (ESF) N8370DSE Conexant A-7 Table A-5 provides the performance report message structure. Table A-5. Performance Report Message Structure Octet No. LSB MSB 1FLAG 2 SAPI C/R EA 3 TEI EA 4 CONTROL 5 G3 LV G4 U1U2G5 SL G6 6 FE SE LB G1 R G2 Nm NI 7 G3 LV G4 U1U2G5 SL G6 8 FE SE LB G1 R G2 Nm NI 9 G3 LV G4 U1U2G5 SL G6 10 FE SE LB G1 R G2 Nm NI 11 G3 LV G4 U1 U2 G5 SL G6 12 FE SE LB G1 R G2 Nm NI 13 FCS (Most Significant Byte) 14 FCS (Least Significant Byte) Note: 1. The 1-second report consists of octets 5–12. 2. R, U1, and U2 are reserved for future standardization and should be set to 0. |