| Zakładka z wyszukiwarką danych komponentów |
|
BT8376EPF Arkusz danych(PDF) 303 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Arkusz danych(HTML) 303 Page - Synaptics Incorporated. |
|
303 / 323 page ![]() Bt8370/8375/8376 Appendix A Fully Integrated T1/E1 Framer and Line Interface A.4 Extended Superframe Format (ESF) N8370DSE Conexant A-5 A.4 Extended Superframe Format (ESF) In Extended Superframe Format (ESF) Figure A-2, and Table A-4, the multiframe structure is extended to 24 frames. The channel structure is identical to D4 (SF) format. Robbed-bit signaling is accommodated in frame 6 (A-bit), frame 12 (B-bit), frame 18 (C-bit), and frame 24 (D-bit). The F-bit pattern of ESF contains three functions: 1. Framing Pattern Sequence (FPS), which defines the frame and multiframe boundaries. 2. Facility Data Link (FDL), which allows data such as error performance to be passed within the T1 link. 3. Cyclic Redundancy Check (CRC), which allows error performance to be monitored and enhances the reliability of the receiver's framing algorithm. Figure A-2. T1 Extended Superframe PCM Format B or Fs 1 2 3 4 5 6 7 8 A CH 1 CH 2 CH 13 CH 24 FR 1 FR 2 FR 13 FR 24 FR 23 Frame 12 Frame 6 Bit 8 During: 24 Channels per Frame Frame = 193 Bits Multiframe ESF = 24 Frames 8 Bits per Channel Signalling Information C D FDL CRC FPS Frame 18 Frame 24 |