Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPD78044F Arkusz danych(PDF) 40 Page - NEC

Numer części UPD78044F
Szczegółowy opis  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

UPD78044F Arkusz danych(HTML) 40 Page - NEC

Back Button UPD78044F Datasheet HTML 36Page - NEC UPD78044F Datasheet HTML 37Page - NEC UPD78044F Datasheet HTML 38Page - NEC UPD78044F Datasheet HTML 39Page - NEC UPD78044F Datasheet HTML 40Page - NEC UPD78044F Datasheet HTML 41Page - NEC UPD78044F Datasheet HTML 42Page - NEC UPD78044F Datasheet HTML 43Page - NEC UPD78044F Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 472 page
background image
40
Chapter 2
Pin Function (µPD780828A Subseries)
User’s Manual U16504EE1V1UD00
2.3.4 P34 to P37 (Port 3)
These are 4-bit input/output ports. Besides serving as input/output ports, they function as data input/
output to/from and clock input/out of the serial interface. Additionally they function as timer input/output
and segment signal output of the LCD controller/driver.
The port mode and the port function can be specified bit-wise.
(1)
Port mode
These ports function as 4-bit input/output ports. They can be specified bit-wise as input or output
ports with the port mode register 3.
(2)
Control mode
These ports function as timer input/output, as serial interface data input/output, serial clock
input/output and as LCD segment output.
(a) SI30, SO30
Serial interface serial data input/output pins.
(b) SCK30
Serial interface serial clock input/output pin.
(c) TI50
Pin for external count clock input to 8-bit timer/event counter.
(d) TO50
Pin for output of the 8-bit timer/event counter.
(e) S24 to S27
Pins for segment output signals of the LCD controller/driver.
Caution:
When this port is used as a serial interface, the I/O function and output latches must
be set according to the function the user requires.
2.3.5 P40 to P47 (Port 4)
This is an 8-bit input/output port. Besides serving as input/output port, they function as segment signal
output pins of the LCD controller/driver.
The following operating modes can be specified bit-wise or byte-wise.
(1)
Port mode
These ports function as 8-bit input/output ports. They can be specified bit-wise as input or output
ports with port mode register 4.
(2)
Control mode
These port function as segment output signal pins (S0 to S7) of the LCD controller/driver and can
specified byte-wise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com