| Zakładka z wyszukiwarką danych komponentów |
|
UPD78044F Arkusz danych(PDF) 16 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD78044F Arkusz danych(HTML) 16 Page - NEC |
|
16 / 472 page ![]() 16 User’s Manual U16504EE1V1UD00 Figure 6-6: Timing of Pulse Width Measurement Operation by Using the Free Running Counter and One Capture Register (with Both Edges Specified).............................. 120 Figure 6-7: CR2m Capture Operation with Rising Edge Specified .............................................. 121 Figure 6-8: Timing of Pulse Width Measurement Operation by Free Running Counter (with Both Edges Specified) ...................................................................................... 122 Figure 6-9: 16-Bit Timer Register Start Timing ............................................................................ 123 Figure 6-10: Capture Register Data Retention Timing................................................................... 123 Figure 7-1: 8-Bit Timer/Event Counter 50 Block Diagram............................................................ 129 Figure 7-2: 8-Bit Timer/Event Counter 51 Block Diagram............................................................ 130 Figure 7-3: Block Diagram of 8-Bit Timer/Event Counters 50 and 51 Output Control Circuit ...... 130 Figure 7-4: Timer Clock Select Register 50 Format..................................................................... 132 Figure 7-5: Timer Clock Select Register 51 Format..................................................................... 133 Figure 7-6: 8-Bit Timer Mode Control Register 50 Format........................................................... 134 Figure 7-7: 8-Bit Timer Mode Control Register 51 Format (1/2) .................................................. 135 Figure 7-8: Port Mode Register 3 Format .................................................................................... 136 Figure 7-9: Port Mode Register 9 Format .................................................................................... 137 Figure 7-10: 8-Bit Timer Mode Control Register Settings for Interval Timer Operation ................. 138 Figure 7-11: Interval Timer Operation Timings (1/3)...................................................................... 139 Figure 7-12: 8-Bit Timer Mode Control Register Setting for External Event Counter Operation.... 143 Figure 7-13: External Event Counter Operation Timings (with Rising Edge Specified) ................. 143 Figure 7-14: 8-Bit Timer Mode Control Register Settings for Square-Wave Output Operation ..... 144 Figure 7-15: Square-wave Output Operation Timing ..................................................................... 145 Figure 7-16: 8-Bit Timer Control Register Settings for PWM Output Operation ............................ 146 Figure 7-17: PWM Output Operation Timing (Active high setting)................................................. 147 Figure 7-18: PWM Output Operation Timings (CRn0 = 00H, active high setting) ......................... 147 Figure 7-19: PWM Output Operation Timings (CRn = FFH, active high setting) ........................... 148 Figure 7-20: PWM Output Operation Timings (CRn changing, active high setting)....................... 148 Figure 7-21: 8-Bit Timer Mode Control Register Settings for 16-Bit Interval Timer Operation....... 149 Figure 7-22: 16-Bit Resolution Cascade Mode (with TM50 and TM51)......................................... 151 Figure 7-23: 8-bit Timer Registers 50 and 51 Start Timings .......................................................... 153 Figure 7-24: External Event Counter Operation Timings ............................................................... 153 Figure 7-25: Timings after Compare Register Change during Timer Count Operation ................. 154 Figure 8-1: 8-Bit Timer/Event Counter 52 Block Diagram............................................................ 156 Figure 8-2: Timer Clock Select Register 52 Format..................................................................... 157 Figure 8-3: 8-Bit Timer Output Control Register Format.............................................................. 158 Figure 8-4: 8-Bit Timer Mode Control Register Settings for Interval Timer Operation ................. 159 Figure 8-5: Interval Timer Operation Timings (1/3)...................................................................... 159 Figure 9-1: Block Diagram of Watch Timer.................................................................................. 163 Figure 9-2: Watch Timer Mode Control Register (WTM) Format (1/2) ........................................ 165 Figure 9-3: Operation Timing of Watch Timer/Interval Timer....................................................... 168 Figure 10-1: Watchdog Timer Block Diagram................................................................................ 171 Figure 10-2: Timer Clock Select Register 2 Format....................................................................... 172 Figure 10-3: Watchdog Timer Mode Register Format ................................................................... 173 Figure 11-1: Remote Controlled Output Application Example ....................................................... 177 Figure 11-2: Clock Output Control Circuit Block Diagram.............................................................. 178 Figure 11-3: Timer Clock Select Register 0 Format....................................................................... 179 Figure 11-4: Port Mode Register 6 Format .................................................................................... 180 Figure 12-1: A/D Converter Block Diagram ................................................................................... 181 Figure 12-2: Power-Fail Detection Function Block Diagram .......................................................... 182 Figure 12-3: A/D Converter Mode Register (ADM1) Format.......................................................... 184 Figure 12-4: Analog Input Channel Specification Register (ADS1) Format ................................... 185 Figure 12-5: Power-Fail Compare Mode Register (PFM) Format.................................................. 186 Figure 12-6: Power-fail compare threshold value register (PFT) ................................................... 186 Figure 12-7: Basic Operation of 8-Bit A/D Converter..................................................................... 187 Figure 12-8: Relation between Analog Input Voltage and A/D Conversion Result ........................ 189 Figure 12-9: A/D Conversion ......................................................................................................... 191 Figure 12-10: Example Method of Reducing Current Consumption in Standby Mode .................... 192 Figure 12-11: Analog Input Pin Handling ......................................................................................... 193 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |