Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPD78044F Arkusz danych(PDF) 41 Page - NEC

Numer części UPD78044F
Szczegółowy opis  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

UPD78044F Arkusz danych(HTML) 41 Page - NEC

Back Button UPD78044F Datasheet HTML 37Page - NEC UPD78044F Datasheet HTML 38Page - NEC UPD78044F Datasheet HTML 39Page - NEC UPD78044F Datasheet HTML 40Page - NEC UPD78044F Datasheet HTML 41Page - NEC UPD78044F Datasheet HTML 42Page - NEC UPD78044F Datasheet HTML 43Page - NEC UPD78044F Datasheet HTML 44Page - NEC UPD78044F Datasheet HTML 45Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 472 page
background image
41
Chapter 2
Pin Function (µPD780828A Subseries)
User’s Manual U16504EE1V1UD00
2.3.6 P50 to P57 (Port 5)
These pins constitute an 8-bit output only port. In addition they also function as PWM output pins to
control meters.
(1)
Port mode
In this mode, P50 to P57 function as an 8-bit output only port.
(2)
Control mode
In this mode, P50 to P57 function as PWM output pins (SM31 to SM34 and SM41 to SM44) for
meter control.
2.3.7 P60 to P65 (Port 6)
These are 6-bit input/output ports. Beside serving as input/output ports, they function as timer input,
clock output, sound generator output and as input/output of the asynchronous serial interface.
The following operating modes can be specified bit-wise.
(1)
Port mode
These ports function as 5-bit input/output ports. They can be specified bit-wise as input or output
ports with port mode register 3.
(2)
Control mode
These ports function as timer input, clock output, as input/output of the asynchronous serial inter-
face and sound generator output.
(a) TI20, TI21
Pins for external capture trigger input to the 16-bit timer capture registers of TM2.
(b) PCL
Clock output pin.
(c) SGO, SGOA and SGOF
Pins for separate or composed signal output of the sound generator.
(d) (e) RXD0, TXD0
Asynchronous serial interface data input/output pins.
Caution:
When this port is used as a serial interface, the I/O function and output latches must
be set according to the function the user requires.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com