Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPD78044F Arkusz danych(PDF) 75 Page - NEC

Numer części UPD78044F
Szczegółowy opis  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

UPD78044F Arkusz danych(HTML) 75 Page - NEC

Back Button UPD78044F Datasheet HTML 71Page - NEC UPD78044F Datasheet HTML 72Page - NEC UPD78044F Datasheet HTML 73Page - NEC UPD78044F Datasheet HTML 74Page - NEC UPD78044F Datasheet HTML 75Page - NEC UPD78044F Datasheet HTML 76Page - NEC UPD78044F Datasheet HTML 77Page - NEC UPD78044F Datasheet HTML 78Page - NEC UPD78044F Datasheet HTML 79Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 472 page
background image
75
Chapter 3
CPU Architecture
User’s Manual U16504EE1V1UD00
3.4.2 Register addressing
The general register is accessed as an operand. The general register to be accessed is specified with
register bank select flags (RBS0 and RBS1) and register specify code (Rn, RPn) in the instruction
code.
Register addressing is carried out when an instruction with the following operand format is executed.
When an 8-bit register is specified, one of the eight registers is specified with 3 bits in the operation
code.
Operand format
‘r’ and ‘rp’ can be described with function names (X, A, C, B, E, D, L, H, AX, BC, DE and HL) as well as
absolute names (R0 to R7 and RP0 to RP3).
Description example
Figure 3-19:
Register Addressing
(a) MOV A, C; when selecting C register as r
(b) INCW DE; when selecting DE register pair as rp
Table 3-7:
Register Addressing
Identifier
Description
r
X, A, C, B, E, D, L, H
rp
AX, BC, DE, HL
01100010
Register specify code
Operation code
10000100
Register specify code
Operation code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com