Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPD78044F Arkusz danych(PDF) 74 Page - NEC

Numer części UPD78044F
Szczegółowy opis  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

UPD78044F Arkusz danych(HTML) 74 Page - NEC

Back Button UPD78044F Datasheet HTML 70Page - NEC UPD78044F Datasheet HTML 71Page - NEC UPD78044F Datasheet HTML 72Page - NEC UPD78044F Datasheet HTML 73Page - NEC UPD78044F Datasheet HTML 74Page - NEC UPD78044F Datasheet HTML 75Page - NEC UPD78044F Datasheet HTML 76Page - NEC UPD78044F Datasheet HTML 77Page - NEC UPD78044F Datasheet HTML 78Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 472 page
background image
74
Chapter 3
CPU Architecture
User’s Manual U16504EE1V1UD00
3.4 Operand Address Addressing
The following methods are available to specify the register and memory (addressing) which undergo
manipulation during instruction execution.
3.4.1 Implied addressing
The register which functions as an accumulator (A and AX) in the general register is automatically
(implicitly) addressed.
Of the µPD780828A Subseries instruction words, the following instructions employ implied addressing.
Operand format
Because implied addressing can be automatically employed with an instruction, no particular operand
format is necessary.
Description example
In the case of MULU X
With an 8-bit x 8-bit multiply instruction, the product of A register and X register is stored in AX. In this
example, the A and AX registers are specified by implied addressing.
Table 3-6:
Implied Addressing
Instruction
Register to be Specified by Implied Addressing
MULU
A register for multiplicant and AX register for product storage
DIVUW
AX register for dividend and quotient storage
ADJBA/ADJBS
A register for storage of numeric values which become decimal correction targets
ROR4/ROL4
A register for storage of digit data which undergoes digit rotation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com