Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPD78044F Arkusz danych(PDF) 98 Page - NEC

Numer części UPD78044F
Szczegółowy opis  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

UPD78044F Arkusz danych(HTML) 98 Page - NEC

Back Button UPD78044F Datasheet HTML 94Page - NEC UPD78044F Datasheet HTML 95Page - NEC UPD78044F Datasheet HTML 96Page - NEC UPD78044F Datasheet HTML 97Page - NEC UPD78044F Datasheet HTML 98Page - NEC UPD78044F Datasheet HTML 99Page - NEC UPD78044F Datasheet HTML 100Page - NEC UPD78044F Datasheet HTML 101Page - NEC UPD78044F Datasheet HTML 102Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 472 page
background image
98
Chapter 4
Port Functions
User’s Manual U16504EE1V1UD00
(2)
Pull-up resistor option register (PU0, PU3, PU4, PU6, PU8, PU9)
This register is used to set whether to use an internal pull-up resistor at each port or not. A pull-up
resistor is internally used at bits which are set to the input mode at a port where on-chip pull-up
resistor use has been specified with PUm (m = 0, 3, 4, 6, 8, 9). No on-chip pull-up resistors can be
used to the bits set to the output mode, irrespective of PU setting.
PUm is set with an 1-bit or an 8-bit memory manipulation instruction.
RESET input sets this register to 00H.
Figure 4-12:
Pull-Up Resistor Option Register (PUm) Format
Remark:
The pull-up option is not available for P60 and P61.
Caution:
Once the software can't use pull-up resistors are connected by setting 1 to the
pull-up resistor option register, they are not disconnected even in output mode. To
switch off the pull-up resistors must be written to the pull-up resistor option register.
7654
3210
R/W
Address
After
Reset
PU0
0000
PU03
PU02
PU01
PU00
R/W
FF30H
00H
7654
3210
R/W
Address
After
Reset
PU3
PU37
PU36
PU35
PU34
0000
R/W
FF33H
00H
7654
3210
R/W
Address
After
Reset
PU4
PU47
PU46
PU45
PU44
PU43
PU42
PU41
PU40
R/W
FF34H
00H
7654
3210
R/W
Address
After
Reset
PU6
0
0
PF65
PF64
PF63
PF62
0
0
R/W
FF36H
00H
7654
3210
R/W
Address
After
Reset
PU8
PU87
PU86
PU85
PU84
PU83
PU82
PU81
PU80
R/W
FF38H
00H
7654
3210
R/W
Address
After
Reset
PU9
PU97
PU96
PU95
PU94
PU93
PU92
PU91
PU90
R/W
FF39H
00H
PUmn
PUmn Pin Internal Pull-up Resistor Selection
(m = 0, 3, 4, 6, 8, 9; n = 0 - 7)
0
On-chip pull-up resistor not used
1
On-chip pull-up resistor used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com