| Zakładka z wyszukiwarką danych komponentów |
|
MM04C20R0FTL Arkusz danych(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION |
|
|
|||||||||||||||||||||||||||||
MM04C20R0FTL Arkusz danych(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION |
|
4 / 11 page ![]() Approval sheet Page 4 of 11 ASC_MMxxB&C AUG - 2018 FUNCTIONAL DESCRIPTION PRODUCT CHARACTERIZATION Standard values of nominal resistance are taken from the E192 series for resistors with a tolerance of ±1%, ±0.5%, ±0.25%, ±0.1%. The values of the E192 series are in accordance with “IEC publication 60063”. DERATING The power that the resistor can dissipate depends on the operating temperature; see Fig.2 MOUNTING Due to their rectangular shapes and small tolerances, Surface Mountable Resistors are suitable for handling by automatic placement systems. Cylindrical placement can be on ceramic rods and printed-circuit boards (PCBs). Electrical connection to the circuit is by individual soldering condition. The end terminations guarantee a reliable contact. RECOMMEND LAND PATTERN Type 0207 0204 A (mm) 3.0 1.6 B (mm) 1.7 1.2 C (mm) 2.4 1.6 A B C |